Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV75533PDBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV75533PDBVR
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV75533PDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV75533PDBVR Datasheet HTML 1Page - Texas Instruments TLV75533PDBVR Datasheet HTML 2Page - Texas Instruments TLV75533PDBVR Datasheet HTML 3Page - Texas Instruments TLV75533PDBVR Datasheet HTML 4Page - Texas Instruments TLV75533PDBVR Datasheet HTML 5Page - Texas Instruments TLV75533PDBVR Datasheet HTML 6Page - Texas Instruments TLV75533PDBVR Datasheet HTML 7Page - Texas Instruments TLV75533PDBVR Datasheet HTML 8Page - Texas Instruments TLV75533PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VIN
−0.3
6.0
V
Enable voltage, VEN
−0.3
6.0
V
Output voltage, VOUT
−0.3
VIN + 0.3(2)
V
Operating junction temperature TJ
−40
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
The absolute maximum rating is VIN + 0.3 V or 6.0 V, whichever is smaller.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250V CDM is possible with the necessary precautions.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
1.45
5.5
V
VOUT
Output voltage
0.6
5.0
V
VEN
Enable voltage
0
5.5
V
IOUT
Output current
0
500
mA
CIN
Input capacitor
1
μF
COUT
Output capacitor
1
200
μF
fEN
Enable toggle frequency
10
kHz
TJ
Junction temperature
–40
125
°C
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com