Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV75533PDBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV75533PDBVR
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV75533PDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV75533PDBVR Datasheet HTML 9Page - Texas Instruments TLV75533PDBVR Datasheet HTML 10Page - Texas Instruments TLV75533PDBVR Datasheet HTML 11Page - Texas Instruments TLV75533PDBVR Datasheet HTML 12Page - Texas Instruments TLV75533PDBVR Datasheet HTML 13Page - Texas Instruments TLV75533PDBVR Datasheet HTML 14Page - Texas Instruments TLV75533PDBVR Datasheet HTML 15Page - Texas Instruments TLV75533PDBVR Datasheet HTML 16Page - Texas Instruments TLV75533PDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
The EN pin is independent of the input pin (IN), but if the EN pin is driven to a higher voltage than VIN, the
current into the EN pin increases. This effect is illustrated in Figure 5-23. When the EN voltage is higher than
the input voltage there is an increased current flow into the EN pin. If this increased flow causes problems in
the application, sequence the EN pin after VIN is high, or to tie EN to VIN to prevent this flow increase from
happening. If EN is driven to a higher voltage than VIN, limit the frequency on EN to below 10kHz.
6.3.3 Internal Foldback Current Limit
The TLV755P has an internal current limit that protects the regulator during fault conditions. The current limit
is a hybrid scheme with brick wall until the output voltage is less than 0.4V × VOUT(NOM). When the voltage
drops below 0.4V × VOUT(NOM), a foldback current limit is implemented that scales back the current as the output
voltage approaches GND. When the output shorts, the LDO supplies a typical current of ISC. The output voltage
is not regulated when the device is in current limit. In this condition, the output voltage is the product of the
regulated current and the load resistance. When the device output shorts, the PMOS pass transistor dissipates
power [(VIN – VOUT) × ISC] until thermal shutdown is triggered and the device turns off. After the device cools
down, the internal thermal shutdown circuit turns the device back on. If the fault condition continues, the device
cycles between current limit and thermal shutdown.
The foldback current-limit circuit limits the current that is allowed through the device to current levels lower than
the minimum current limit at nominal VOUT current limit (ICL) during start-up. See Figure 5-26 for typical current
limit values. If the output is loaded by a constant-current load during start-up, or if the output voltage is negative
when the device is enabled, then the load current demanded by the load potentially exceeds the foldback current
limit and the device does not rise to the full output voltage. For constant-current loads, disable the output load
until the output rises to the nominal voltage.
Excess inductance causes the current limit to oscillate. Minimize the inductance to keep the current limit from
oscillating during a fault condition.
6.3.4 Thermal Shutdown
Thermal shutdown protection disables the output when the junction temperature rises to approximately 165°C.
Disabling the device eliminates the power dissipated by the device, allowing the device to cool. When the
junction temperature cools to approximately 155°C, the output circuitry is enabled again. Depending on power
dissipation, thermal resistance, and ambient temperature, the thermal protection circuit cycles on and off. This
cycling limits regulator dissipation that protects the circuit from damage as a result of overheating.
Activating the thermal shutdown feature typically indicates excessive power dissipation as a result of the product
of the (VIN – VOUT) voltage and the load current. For reliable operation, limit junction temperature to a maximum
of 125°C. To estimate the margin of safety in a complete design, increase the ambient temperature until the
thermal protection is triggered; use worst-case loads and signal conditions.
The internal protection circuitry protects against overload conditions but is not intended to be activated in normal
operation. Continuously running the device into thermal shutdown degrades device reliability.
www.ti.com
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com