Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2M0080170P Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C2M0080170P
Description  SiC N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C2M0080170P Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C2M0080170P Datasheet HTML 1Page - Inchange Semiconductor Company Limited C2M0080170P Datasheet HTML 2Page - Inchange Semiconductor Company Limited C2M0080170P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCF8119
eq
C2M0080170P
SiC N-Channel MOSFET
www.iscsemi.com
1
FEATURES
·
Optimized Package with Separaye Driver Source Pin
·
High Bloking Voltage with Low On-Resistance
·
High Speed Switching with Low Capability
APPLICATIONS
·
Capacitor Discharge
·
Solar Inverters
·
Switch Mode Power Supplies
·
High Voltage DC-DC Converters
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
1700
V
VGS(max)
Gate-Source Voltage
-10/+25
V
VGSop
Gate-Source Voltage
-5/+20
V
ID
Drain Current-Continuous@Tc=25℃
40
A
Drain Current-Continuous@Tc=100℃
27
A
IDM
Drain Current-Single Pluse
80
A
PD
Total Dissipation @TC=25℃
277
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.45
℃
/W


Similar Part No. - C2M0080170P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2M0080170P CREE-C2M0080170P Datasheet
1Mb / 10P
Silicon Carbide Power MOSFET C2M MOSFET Technology
More results

Similar Description - C2M0080170P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
G3R450MT17D ISC-G3R450MT17D Datasheet
390Kb / 3P
SiC N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com