Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 35 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 35 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 31Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 32Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 33Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 34Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 35Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 36Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 37Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 38Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 39Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 234 page
background image
Automotive-qualified
Package
LFPAK56D
(SOT1205)
Size (mm)
5 x 6 x 1.1
P
tot (mW)
1250
V
CEO
(V)
I
C
(A)
I
CM
(A)
h
FE
typ
@ I
C
(A)
@ V
CE
(V)
V
CEsat typ (mV);
I
C = 0.5 A;
I
B = 0.05 A
V
CEsat
max
(mV)
@ I
C
(A)
@ I
B
(A)
Polarity
h
FE1/hFE2
100
3
6
150
0.5
10
50
300
3
0.2
2XNPN
-
PHPT610030NK
70
400
3
0.2
2XPNP
-
PHPT610030PK
50 / 70
300 / 400
3
0.2
NPN/PNP
-
PHPT610030NPK
50
300
3
0.2
2XNPN
0.95
PHPT610035NK
70
400
3
0.2
2XPNP
0.9
PHPT610035PK
Resistor equipped transistors (RETs)
RETs 100 mA single
- part 1
Automotive-qualified
Package
SOT23
SOT323
(SC-70)
Size (mm)
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
Ptot (mW)
250
200
V
CEO (V)
I
C (mA)
Configuration
R1 (kΩ)
R2 (kΩ)
NPN
PNP
NPN
PNP
50
100
1
1
PDTA113ET
PDTA113EU
2.2
2.2
PDTC123ET
PDTA123ET
PDTC123EU
PDTA123EU
4.7
4.7
PDTC143ET
PDTA143ET
PDTC143EU
PDTA143EU
10
10
PDTC114ET
PDTA114ET
PDTC114EU
PDTA114EU
22
22
PDTC124ET
PDTA124ET
PDTC124EU
PDTA124EU
47
47
PDTC144ET
PDTA144ET
PDTC144EU
PDTA144EU
100
100
PDTC115ET
PDTA115ET
PDTC115EU
PDTA115EU
1
10
PDTA113ZT
PDTA113ZU
2.2
10
PDTC123YT
PDTA123YT
PDTC123YU
PDTA123YU
2.2
47
PDTC123JT
PDTA123JT
PDTC123JU
PDTA123JU
4.7
10
PDTC143XT
PDTA143XT
PDTC143XU
PDTA143XU
4.7
47
PDTC143ZT
PDTA143ZT
PDTC143ZU
PDTA143ZU
10
47
PDTC114YT
PDTA114YT
PDTC114YU
PDTA114YU
22
47
PDTC124XT
PDTA124XT
PDTC124XU
PDTA124XU
47
10
PDTC144VT
PDTA144VT
PDTC144VU
PDTA144VU
47
22
PDTC144WT
PDTA144WT
PDTC144WU
PDTA144WU
2.2
-
PDTC123TT
PDTA123TT
PDTC123TU
PDTA123TU
4.7
-
PDTC143TT
PDTA143TT
PDTC143TU
PDTA143TU
10
-
PDTC114TT
PDTA114TT
PDTC114TU
PDTA114TU
22
-
PDTC124TT
PDTA124TT
PDTC124TU
PDTA124TU
47
-
PDTC144TT
PDTA144TT
PDTC144TU
PDTA144TU
100
-
PDTC115TT
PDTA115TT
PDTC115TU
PDTA115TU
MSE187
R1
Low VCEsat power transistors double (175oC capable)
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com