Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 41 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 41 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 37Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 38Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 39Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 40Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 41Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 42Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 43Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 44Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 45Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 234 page
background image
Package indicator
T
= SOT23
X
= SOT89
Z
= SOT223
QA = DFN1010D-3
Icmax
1 = 1 A
2 = 2 A
4 = 4 A
5 = 500 mA
0 = 250 mA or 150 mA
8 = NPN
9 = PNP
PBHV 8 1 15 T
Package indicator
Y = LFPAK56 (SOT669)
K = LFPAK56D (SOT1205)
Icmax
02 = 2 A
03 = 3 A
06 = 6 A
10 = 10 A
15 = 15 A
Product identifier
PHPT 6 10 03 0 N Y
High-voltage Low VCEsat transistors
Transistors in a LFPAK SMD package
NexPeria BISS
technology high
voltage transistor
NexPeria bipolar high
power transistor
Polarity
N = NPN
P = PNP
NP = NPN/PNP
configuration
w/o
= single (LFPAK56)
0 or 5 = dual (LFPAK56D)
Vceo
14 = 140 V
15 = 150 V
18 = 180 V
40 = 400 V
50 = 500 V
60 = 600 V
Max Vceo
04 = 40 V
06 = 60 V
10 = 100 V
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com