Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 122 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 122 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 118Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 119Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 120Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 121Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 122Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 123Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 124Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 125Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 126Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 234 page
background image
Automotive analog & logic ICs
Level shifters/Translators
Type number
Description
Features
Package (suffix)
74ALVC164245-Q100
16-bit dual-supply voltage level translating
transceiver (3-state)
1.5 - 3.6
1.5 - 5.5
± 24
-40 to 125
•
74AVC4T245-Q100
4-bit dual-supply voltage level translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
± 12
-40 to 125
•
•
•
•
74AVC8T245-Q100
8-bit dual-supply voltage level translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
± 12
-40 to 125
•
•
74AVC16T245-Q100
16-bit dual-supply voltage level translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
± 12
-40 to 125
•
74AVC20T245-Q100
20-bit dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
± 12
-40 to 125
•
74AVCH4T245-Q100
4-bit dual-supply voltage translating
transceiver with bus hold (3-state)
0.8 - 3.6
0.8 - 3.6
± 12
-40 to 125
•
•
•
74HC4050-Q100
Hex buffer with 15V tolerant inputs
2.0 - 6.0
n.a
± 5.2
-40 to 125
•
•
74LVC4T3144-Q100
4-bit dual supply buffer/line driver (3-state)
1.2 to
5.5
1.2 to
5.5
± 24
-40 to 125
•
74LVC4245A-Q100
8-bit dual-supply voltage translating
transceiver (3-state)
1.5 - 5.5
1.5 - 3.6
± 24
-40 to 125
•
•
•
74LVC8T245-Q100
8-bit dual-supply voltage translating
transceiver (3-state)
1.2 - 5.5
1.2 - 5.5
± 24
-40 to 125
•
•
74LVCH8T245-Q100
8-bit dual-supply voltage translating
transceiver with bus hold (3-state)
1.2 - 5.5
1.2 - 5.5
± 24
-40 to 125
•
•
HEF4104B-Q100
Quad low-to-high voltage translator (3-state)
3.0 -
15.0
3.0 -
15.0
± 2.4
-40 to 85
•
LSF0108-Q100
8-bit bidIRectional level translator;
open-drain; push-pull
0.95 -
5.0
0.95 -
5.0
+64
-40 to 125
•
•
NXB0104-Q100
Dual supply translator; auto dIRection
sensing (3-state)
1.2 - 3.6
1.65 -
5.5
± 0.02
-40 to 125
•
•
NXS0104-Q100
Dual supply translating transceiver;
open drain; autosense
1.65 -
3.6
2.3 - 5.5 -0.02/+1
-40 to 125
•
•
Multivibrators
Type number
Description
Features
Package (suffix)
74AHC123A-Q100
Dual retriggerable monostable multivibrator with reset
2.0 - 5.5
± 8
5.1
-40 to 125
•
•
•
74AHCT123A-Q100
Dual retriggerable monostable multivibrator with reset; TTL-enabled
4.5 - 5.5
± 8
5.0
-40 to 125
•
•
•
74HC123-Q100
Dual retriggerable monostable multivibrator with reset
2.0 - 6.0
± 7.8
9.0
-40 to 125
•
•
•
74HCT123-Q100
Dual retriggerable monostable multivibrator with reset; TTL-enabled
4.5 - 5.5
± 4
26
-40 to 125
•
•
•
74HC4538-Q100
Dual retriggerable precision monostable multivibrator
2.0 - 6.0
± 5.2
27
-40 to 125
•
•
74HCT4538-Q100
Dual retriggerable precision monostable multivibrator; TTL-enabled
4.5 - 5.5
± 4
30
-40 to 125
•
•
HEF4528B-Q100
Dual retriggerable monostable multivibrator with reset
3.0 - 15
± 2.4
40
-40 to 85
•
HEF4538B-Q100
Dual retriggerable precision monostable multivibrator
3.0 - 15
± 2.4
60
-40 to 85
•
Types in
bold represent new products
Nexperia selection guide 2020
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com