Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD22206WT Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD22206WT
Description  CSD22206W –8-V P-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD22206WT Datasheet(HTML) 1 Page - Texas Instruments

  CSD22206WT Datasheet HTML 1Page - Texas Instruments CSD22206WT Datasheet HTML 2Page - Texas Instruments CSD22206WT Datasheet HTML 3Page - Texas Instruments CSD22206WT Datasheet HTML 4Page - Texas Instruments CSD22206WT Datasheet HTML 5Page - Texas Instruments CSD22206WT Datasheet HTML 6Page - Texas Instruments CSD22206WT Datasheet HTML 7Page - Texas Instruments CSD22206WT Datasheet HTML 8Page - Texas Instruments CSD22206WT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
-VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
0
5
10
15
20
25
30
D007
TC = 25°C, I D = -2 A
TC = 125°C, I D = -2 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D004
ID = -2 A
VDS = -4 V
G
S
S
S
S
S
D
D
D
Gate
Source
Drain
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD22206W
SLPS689 – MAY 2017
CSD22206W –8-V P-Channel NexFET™ Power MOSFET
1
1 Features
1
•
Ultra-Low Resistance
•
Small Footprint 1.5 mm × 1.5 mm
•
Lead Free
•
Gate ESD Protection
•
RoHS Compliant
•
Halogen Free
•
Gate-Source Voltage Clamp
2 Applications
•
Load Switch Applications
•
Battery Management
•
Battery Protection
3 Description
This –8-V, 4.7-mΩ, 1.5-mm × 1.5-mm device is
designed to deliver the lowest on resistance and gate
charge in the smallest outline possible with excellent
thermal characteristics in an ultra-low profile. Low on
resistance coupled with the small footprint and low
profile make the device ideal for battery operated
space constrained applications.
Top View and Circuit Configuration
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
–8
V
Qg
Gate Charge Total (–4.5 V)
11.2
nC
Qgd
Gate Charge Gate-to-Drain
1.8
nC
RDS(on)
Drain-to-Source On Resistance
VGS = –2.5 V
6.8
m
Ω
VGS = –4.5 V
4.7
VGS(th)
Threshold Voltage
–0.7
V
Device Information
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD22206W
3000
7-Inch Reel
1.50-mm × 1.50-mm
Wafer BGA
Package
Tape
and
Reel
CSD22206WT
250
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
–8
V
VGS
Gate-to-Source Voltage
–6
V
ID
Continuous Drain Current(1)
–5
A
Pulsed Drain Current(2)
–108
A
PD
Power Dissipation
1.7
W
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1) Device operating at a temperature of 105°C.
(2) Typ RθJA = 75°C/W ,mounted on FR4 material with maximum
Cu mounting area, pulse width
≤ 100 μs, duty cycle ≤ 1%.
RDS(on) vs VGS
Gate Charge


Similar Part No. - CSD22206WT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD22206WT TI1-CSD22206WT Datasheet
411Kb / 12P
8-V P-Channel NexFET Power MOSFET
CSD22206WT TI2-CSD22206WT Datasheet
478Kb / 13P
CSD22206W –8-V P-Channel NexFET™ Power MOSFET
MAY 2017
CSD22206WT.B TI2-CSD22206WT.B Datasheet
478Kb / 13P
CSD22206W –8-V P-Channel NexFET™ Power MOSFET
MAY 2017
More results

Similar Description - CSD22206WT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI-CSD23203W_15 Datasheet
1,009Kb / 17P
CSD23203W 8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
12-V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
8-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com