Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF86 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 2 Page - Texas Instruments

  DAC38RF86 Datasheet HTML 1Page - Texas Instruments DAC38RF86 Datasheet HTML 2Page - Texas Instruments DAC38RF86 Datasheet HTML 3Page - Texas Instruments DAC38RF86 Datasheet HTML 4Page - Texas Instruments DAC38RF86 Datasheet HTML 5Page - Texas Instruments DAC38RF86 Datasheet HTML 6Page - Texas Instruments DAC38RF86 Datasheet HTML 7Page - Texas Instruments DAC38RF86 Datasheet HTML 8Page - Texas Instruments DAC38RF86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
2
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 5
6
Pin Configuration and Functions ......................... 6
7
Specifications......................................................... 9
7.1
Absolute Maximum Ratings ...................................... 9
7.2
ESD Ratings.............................................................. 9
7.3
Recommended Operating Conditions ....................... 9
7.4
Thermal Information ................................................ 10
7.5
Electrical Characteristics - DC Specifications ......... 10
7.6
Electrical Characteristics - Digital Specifications .... 13
7.7
Electrical Characteristics - AC Specifications ......... 16
7.8
PLL/VCO Electrical Characteristics ........................ 19
7.9
Timing Requirements .............................................. 20
7.10
Typical Characteristics, DAC38RF86 and
DAC38RF96 ............................................................ 21
8
Detailed Description ............................................ 27
8.1
Overview ................................................................. 27
8.2
Functional Block Diagrams ..................................... 27
8.3
Feature Description................................................. 29
8.4
Device Functional Modes........................................ 64
8.5
Register Maps ........................................................ 68
9
Application and Implementation ...................... 130
9.1
Application Information.......................................... 130
9.2
Typical Application: Multi-band Radio Frequency
Transmitter ............................................................ 131
10
Power Supply Recommendations ................... 134
10.1
Power Supply Sequencing .................................. 135
11
Layout................................................................. 135
11.1
Layout Guidelines ............................................... 135
11.2
Layout Example .................................................. 137
12
Device and Documentation Support ............... 138
12.1
Related Links ...................................................... 138
12.2
Receiving Notification of Documentation
Updates.................................................................. 138
12.3
Community Resources........................................ 138
12.4
Trademarks ......................................................... 138
12.5
Electrostatic Discharge Caution .......................... 138
12.6
Glossary .............................................................. 138
13
Mechanical, Packaging, and Orderable
Information ......................................................... 138
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2017) to Revision B
Page
•
Changed the Description ........................................................................................................................................................ 1
•
Changed the Device Information table ................................................................................................................................... 1
•
Changed From: alarm_out_pol To: alm_out_pol in ALARM pin description in the Pin Functions table ................................ 7
•
Changed the Description of pins A3, A4, A7, A6, A9, A10, A12, F11, F7, G6, G12, H5, H7, J6, J11 in the Pin
Functions table ....................................................................................................................................................................... 7
•
Added description to TXENABLE pin in the Pin Functions table ........................................................................................... 8
•
Changed the MAX value of VEE18N rail in the Absolute Maximum Ratings From: 0.5 V To: 0.3 V ..................................... 9
•
Added "Supply Voltage Range" to the Recommended Operating Conditions table .............................................................. 9
•
Added "Reference voltage drift" to the Electrical Characteristics - DC Specifications table ................................................ 10
•
Added Isolation vs Output Frequency plot in Figure 14 ....................................................................................................... 22
•
Added Isolation vs output frequency plot for DAC38RF87/97 in Figure 30 ........................................................................ 26
•
Changed the MPY values in Table 4.................................................................................................................................... 31
•
Added MPY value for 16.5x to Table 4 ................................................................................................................................ 31
•
Changed x To:
√ in the JESD204B Formats for DAC38RFxx table ..................................................................................... 34
•
Changed JESD204B frame format for LMFSHd=84111 in Table 12 ................................................................................... 35
•
Changed JESD204B frame format for LMFSHd=44210 in Table 14 ................................................................................... 36
•
Changed JESD204B frame format for LMFSHd=24410 in Table 16 ................................................................................... 36
•
Changed JESD204B frame format for LMFSHd=44210 in Table 17 ................................................................................... 36
•
Changed JESD204B frame format for LMFSHd=88210 in Table 18 ................................................................................... 37
•
Changed JESD204B frame format for LMFSHd=24410 in Table 19 ................................................................................... 37
•
Changed JESD204B frame format for LMFSHd=48410 in Table 20 ................................................................................... 37
•
Changed JESD204B frame format for LMFSHd=24310 in Table 21 ................................................................................... 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com