Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM505LRBABFR Datasheet(PDF) 43 Page - Texas Instruments

Part # DM505LRBABFR
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 43 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 39Page - Texas Instruments DM505LRBABFR Datasheet HTML 40Page - Texas Instruments DM505LRBABFR Datasheet HTML 41Page - Texas Instruments DM505LRBABFR Datasheet HTML 42Page - Texas Instruments DM505LRBABFR Datasheet HTML 43Page - Texas Instruments DM505LRBABFR Datasheet HTML 44Page - Texas Instruments DM505LRBABFR Datasheet HTML 45Page - Texas Instruments DM505LRBABFR Datasheet HTML 46Page - Texas Instruments DM505LRBABFR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 295 page
background image
43
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
4.3.4
ADC
NOTE
For more information, see the ADC / ADC Overview of the Device TRM.
Table 4-5. ADC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
adc_in0
ADC analog channel input 0
A
M19
adc_in1
ADC analog channel input 1
A
M20
adc_in2
ADC analog channel input 2
A
M21
adc_in3
ADC analog channel input 3
A
M22
adc_in4
ADC analog channel input 4
A
N22
adc_in5
ADC analog channel input 5
A
N21
adc_in6
ADC analog channel input 6
A
P19
adc_in7
ADC analog channel input 7
A
P18
adc_vrefp
ADC positive reference voltage
A
P20
4.3.5
Camera Control
NOTE
For more information, see the Imaging Subsystem (ISS) section of the Device TRM.
Table 4-6. Camera Control Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
cam_strobe
Camera flash activation trigger
O
A6, B18, C16, M17
cam_shutter
Camera mechanical shutter control
O
C6, C18, C17, M18
cam_nreset
Camera sensor reset
IO
W6
4.3.6
CPI
Table 4-7. CPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
cpi_pclk
Camera pixel clock
I
F22
cpi_hsync
Camera horizontal synchonization
IO
F21
cpi_vsync
Camera vertical synchonization
IO
F20
cpi_data0
Camera parallel data 0
I
F19
cpi_data1
Camera parallel data 1
I
G19
cpi_data2
Camera parallel data 2
I
G18
cpi_data3
Camera parallel data 3
I
G21
cpi_data4
Camera parallel data 4
I
G22
cpi_data5
Camera parallel data 5
I
H18
cpi_data6
Camera parallel data 6
I
H20
cpi_data7
Camera parallel data 7
I
H19
cpi_data8
Camera parallel data 8
I
H22
cpi_data9
Camera parallel data 9
I
H21
cpi_data10
Camera parallel data 10
I
J17
cpi_data11
Camera parallel data 11
I
K22
cpi_data12
Camera parallel data 12
I
K21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com