Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SA Datasheet(PDF) 32 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 32 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 28Page - Texas Instruments TDA2SA Datasheet HTML 29Page - Texas Instruments TDA2SA Datasheet HTML 30Page - Texas Instruments TDA2SA Datasheet HTML 31Page - Texas Instruments TDA2SA Datasheet HTML 32Page - Texas Instruments TDA2SA Datasheet HTML 33Page - Texas Instruments TDA2SA Datasheet HTML 34Page - Texas Instruments TDA2SA Datasheet HTML 35Page - Texas Instruments TDA2SA Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
32
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
P1
gpmc_cs3
gpmc_cs3
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
qspi1_cs1
1
O
1
vin3a_clk0
Yes / No
2
I
0
vout3_clk
Yes / No
3
O
gpmc_a1
5
O
gpio2_21
14
IO
Driver off
15
I
M5
gpmc_oen_ren
gpmc_oen_ren
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio2_24
14
IO
Driver off
15
I
N2
gpmc_wait0
gpmc_wait0
0
I
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
1
gpio2_28
14
IO
Driver off
15
I
M3
gpmc_wen
gpmc_wen
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio2_25
14
IO
Driver off
15
I
AG16
hdmi1_clockx
hdmi1_clockx
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
AH16
hdmi1_clocky
hdmi1_clocky
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
AG17
hdmi1_data0x
hdmi1_data0x
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
AH17
hdmi1_data0y
hdmi1_data0y
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
AG18
hdmi1_data1x
hdmi1_data1x
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
AH18
hdmi1_data1y
hdmi1_data1y
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
AG19
hdmi1_data2x
hdmi1_data2x
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
AH19
hdmi1_data2y
hdmi1_data2y
Yes / No
0
O
1.8
vdda_hdmi
HDMIPHY
PDy
C20
i2c1_scl
i2c1_scl
0
IO
OFF
OFF
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
C21
i2c1_sda
i2c1_sda
0
IO
OFF
OFF
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
F17
i2c2_scl
i2c2_scl
0
IO
OFF
OFF
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
1
hdmi1_ddc_sda
Yes / No
1
IO
Driver off
15
I
C25
i2c2_sda
i2c2_sda
0
IO
OFF
OFF
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
I2C
PU/PD
1
hdmi1_ddc_scl
Yes / No
1
IO
Driver off
15
I
AH15
ljcb_clkn
ljcb_clkn
0
IO
1.8
vdda_pcie
LJCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com