Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SA Datasheet(PDF) 68 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 68 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 64Page - Texas Instruments TDA2SA Datasheet HTML 65Page - Texas Instruments TDA2SA Datasheet HTML 66Page - Texas Instruments TDA2SA Datasheet HTML 67Page - Texas Instruments TDA2SA Datasheet HTML 68Page - Texas Instruments TDA2SA Datasheet HTML 69Page - Texas Instruments TDA2SA Datasheet HTML 70Page - Texas Instruments TDA2SA Datasheet HTML 71Page - Texas Instruments TDA2SA Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
68
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
F11
vout1_d0
vout1_d0
Yes / No
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
uart5_rxd
2
I
1
vin4a_d16
Yes / No
3
I
0
vin3a_d16
Yes / No
4
I
0
spi3_cs2
8
IO
1
gpio8_0
14
IO
Driver off
15
I
G10
vout1_d1
vout1_d1
Yes / No
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
uart5_txd
2
O
vin4a_d17
Yes / No
3
I
0
vin3a_d17
Yes / No
4
I
0
gpio8_1
14
IO
Driver off
15
I
F10
vout1_d2
vout1_d2
Yes / No
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
emu2
2
O
vin4a_d18
Yes / No
3
I
0
vin3a_d18
Yes / No
4
I
0
obs0
5
O
obs16
6
O
obs_irq1
7
O
gpio8_2
14
IO
Driver off
15
I
G11
vout1_d3
vout1_d3
Yes / No
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
emu5
2
O
vin4a_d19
Yes / No
3
I
0
vin3a_d19
Yes / No
4
I
0
obs1
5
O
obs17
6
O
obs_dmarq1
7
O
gpio8_3
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com