Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6502END3 Datasheet(PDF) 1 Page - Rohm

Part # R6502END3
Description  Nch 650V 3.05ohm(typ.) Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6502END3 Datasheet(HTML) 1 Page - Rohm

  R6502END3 Datasheet HTML 1Page - Rohm R6502END3 Datasheet HTML 2Page - Rohm R6502END3 Datasheet HTML 3Page - Rohm R6502END3 Datasheet HTML 4Page - Rohm R6502END3 Datasheet HTML 5Page - Rohm R6502END3 Datasheet HTML 6Page - Rohm R6502END3 Datasheet HTML 7Page - Rohm R6502END3 Datasheet HTML 8Page - Rohm R6502END3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R6502END3
Nch 650V 3.05ohm(typ.) Power MOSFET
Datasheet
l
lOutline
VDSS
650V
TO-252
RDS(on)(Max.)
4.0Ω
ID
±1.7A
PD
26W
l
lFeatures
l
lInner circuit
1) Low on-resistance
2) Fast switching
3) Drive circuits can be simple
4) Parallel use is easy
5) Pb-free lead plating ; RoHS compliant
l
lApplication
l
lPackaging specifications
Switching
Packing
Embossed Tape
Packing code
TL1
Marking
R6502END3
Quantity (pcs)
2500
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
650
V
Continuous drain current (Tc = 25°C)
ID*1
±1.7
A
Pulsed drain current
IDP*2
±4
A
Gate - Source voltage
static
VGSS
±20
V
AC(f>1Hz)
±30
V
Avalanche current, single pulse
IAS*3
0.3
A
Avalanche energy, single pulse
EAS*3
7
mJ
Power dissipation (Tc = 25°C)
PD
26
W
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
1/11
20231221 - Rev.001


Similar Part No. - R6502END3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R6501 ETC-R6501 Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
R6501A ETC-R6501A Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
R6501AJ ETC-R6501AJ Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
R6501AJE ETC-R6501AJE Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
R6501AQ ETC-R6501AQ Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
More results

Similar Description - R6502END3

ManufacturerPart #DatasheetDescription
logo
Rohm
R6520KNZ4 ROHM-R6520KNZ4 Datasheet
2Mb / 15P
Nch 650V 20A Power MOSFET
R6504KND3 ROHM-R6504KND3 Datasheet
2Mb / 14P
Nch 650V 4A Power MOSFET
R6507KND3 ROHM-R6507KND3 Datasheet
2Mb / 14P
Nch 650V 7A Power MOSFET
R6509KND3 ROHM-R6509KND3 Datasheet
2Mb / 14P
Nch 650V 9A Power MOSFET
R6511END3 ROHM-R6511END3 Datasheet
2Mb / 14P
Nch 650V 11A Power MOSFET
R6511KND3 ROHM-R6511KND3 Datasheet
2Mb / 14P
Nch 650V 11A Power MOSFET
R6530KNX3 ROHM-R6530KNX3 Datasheet
2Mb / 14P
Nch 650V 30A Power MOSFET
R6530ENZ4 ROHM-R6530ENZ4 Datasheet
1Mb / 14P
Nch 650V 30A Power MOSFET
20200108 - Rev.002
R6530KNZ4 ROHM-R6530KNZ4 Datasheet
1Mb / 14P
Nch 650V 30A Power MOSFET
20200108 - Rev.002
R6535KNZ4 ROHM-R6535KNZ4 Datasheet
1Mb / 14P
Nch 650V 35A Power MOSFET
20200108 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com