Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6502END3 Datasheet(PDF) 2 Page - Rohm

Part # R6502END3
Description  Nch 650V 3.05ohm(typ.) Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6502END3 Datasheet(HTML) 2 Page - Rohm

  R6502END3 Datasheet HTML 1Page - Rohm R6502END3 Datasheet HTML 2Page - Rohm R6502END3 Datasheet HTML 3Page - Rohm R6502END3 Datasheet HTML 4Page - Rohm R6502END3 Datasheet HTML 5Page - Rohm R6502END3 Datasheet HTML 6Page - Rohm R6502END3 Datasheet HTML 7Page - Rohm R6502END3 Datasheet HTML 8Page - Rohm R6502END3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
R6502END3
Datasheet
l
lThermal resistance
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - case
RthJC*4
-
-
4.9
℃/W
Thermal resistance, junction - ambient
RthJA*5
-
-
147
℃/W
Soldering temperature, wavesoldering for 10s
Tsold
-
-
265
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS
VGS = 0V, ID = 1mA
650
-
-
V
Zero gate voltage
drain current
IDSS
VDS = 650V, VGS = 0V
μA
Tj = 25°C
-
0.1
100
Tj = 125°C
-
-
1000
Gate - Source leakage current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS = VGS, ID = 40μA
2
-
4
V
Static drain - source
on - state resistance
RDS(on)*6
VGS = 10V, ID = 0.6A
Ω
Tj = 25°C
-
3.05
4.0
Tj = 125°C
-
-
-
Gate resistance
RG
f = 1MHz, open drain
-
15
-
Ω
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
2/11
20231221 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com