Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH-7021 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # CDH-7021
Description  OMEGAETTE TM Microprocessor Based Water Test meter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

CDH-7021 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  CDH-7021 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-4
Order Online
Over 100,000 Products Available!
omega.com®
To download information and to order Conductivity
Instrument products online, visit omega.com
OMEGAETTE TM Microprocessor Based Water Test meter
PHH-7000 Series
U
Microprocessor-Based for Fast and
Accurate Measurement
U
Special Viewing Angle
U
IP67 Rated, Waterproof Housing
U
Large LCD—Displays pH,
Conductivity and Temperature
Simultaneously
U
1-Keyboard Calibration
U
Automatic Temperature Compensation
U
Multifunctional Including Data-Hold
and Min/Max
U
Low-Battery Indicator
U
Auto Power-Off After 10 Minutes
of Non-Use
The PHH-7011, PHH-7200 and CDH-7021
are easy to use and feature replaceable
sensors. The PHH-7200 can measure
pH or conductivity and will automatically
recognize which sensor is installed. Each
kit comes in a convenient carrying case
with buffer or standard solutions for
easy calibration.
Specifications
PHH-7200 (pH, mV, Temperature, Conductivity, TDS)
PHH-7011
CDH-7021
pH
mV
Temperature
Conductivity
TDS
Salt
Temperature
Range
-2 to 16
-1000 to 1000
0 to 90°C
0 to 1999 µS
0 to 999 ppm
0 to 999 ppm
0 to 90°C
(32 to 194°F)
0.01 to 19.99 mS
1.00 to 9.99 ppt
1.00 to 9.99 ppt
(32 to 194°F)
Accuracy
±0.01 + 1 digit
±2 + 1 digit ±0.3°C (0.54°F)
±2% FS
±2% FS
±2% FS
±0.3°C (0.54°F)
Resolution
0.01
1
0.1°C (0.2°F)
1 µS/0.01 mS
1 ppm/0.01 ppt
1 ppm/0.01 ppt
0.1°C (0.2°F)
ATC
0 to 80°C
N/A
N/A
0 to 50°C
(32 to 176°F)
(32 to 122°F)
Calibration
pH 4.00, 7.00, 10.00
0, 1413 µS, 12.88 mS
Power
(4) 1.5 Vdc “AAA”/UM-4 batteries (included)
Model No.
Description
PHE-7011
Replacement pH electrode
CDE-7021
Replacement conductivity sensor
ORE-7011
Optional ORP electrode
PHA-4
pH 4 buffer solution, 475 mL
PHA-7
pH 7 buffer solution, 475 mL
PHA-10
pH 10 buffer solution, 475 mL
CDSA-1413
1413 µS conductivity solution
MN2400
Replacement “AAA” battery (4 required)
Accessories
To Order
Model No.
Description
PHH-7011
pH pocket tester
CDH-7021
Conductivity pocket tester
PHH-7200
pH and conductivity tester
Comes complete with calibration solutions, 4 “AAA” batteries, lanyard, hard
carrying case and operator’s manual.
Ordering Examples: PHH-7011, pH tester, and PHE-7011, replacement
pH electrode.
PHH-7200, pH and conductivity tester.
PHH-7011
shown smaller
than actual size.
PHH-7011 includes carrying case,
instrument and solutions.
Perfect for
Education,
Training
or Demonstration
Programs!


Similar Part No. - CDH-7021

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDH-04 ADAM-TECH-CDH-04 Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
CDH-C-MT-R ADAM-TECH-CDH-C-MT-R Datasheet
72Kb / 1P
CRIMP CONTACT
CDH-C-R ADAM-TECH-CDH-C-R Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
CDH-C-X ADAM-TECH-CDH-C-X Datasheet
34Kb / 1P
CRIMP CONTACT
CDH-CB ADAM-TECH-CDH-CB Datasheet
117Kb / 1P
.100 LATCHING HEADER & HOUSING
More results

Similar Description - CDH-7021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2050 AD-AD2050_15 Datasheet
842Kb / 2P
MICROPROCESSOR BASED THERMOCOUPLE METERS
AD2061 AD-AD2061_15 Datasheet
935Kb / 2P
MICROPROCESSOR BASED AUTORANGING RTD THERMISTOR METER
logo
TT Electronics.
DS1015 TTELEC-DS1015 Datasheet
300Kb / 1P
Water Meter
DS1226 TTELEC-DS1226 Datasheet
335Kb / 2P
Oil and Water Flow Meter
logo
Schneider Electric
EMT1225CB SCHNEIDER-EMT1225CB Datasheet
113Kb / 2P
METER SOCKET RING TEST BLOCK 225A 2P QDP-TM 1PO
logo
Guangdong Youtai Semico...
PESD12VL1BA UMW-PESD12VL1BA Datasheet
335Kb / 4P
Microprocessor based equipment
PESD5V0V1BA UMW-PESD5V0V1BA Datasheet
417Kb / 4P
Microprocessor based equipment
BSD3C031V UMW-BSD3C031V Datasheet
475Kb / 4P
Microprocessor based equipment
BSD3C051V UMW-BSD3C051V Datasheet
496Kb / 4P
Microprocessor based equipment
BSD5C031V UMW-BSD5C031V Datasheet
380Kb / 4P
Microprocessor based equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com