Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBMFXXSC6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # KBMFXXSC6
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMFXXSC6 Datasheet(HTML) 8 Page - STMicroelectronics

  KBMFXXSC6 Datasheet HTML 1Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 2Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 3Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 4Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 5Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 6Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 7Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
KBMFxxSC6
8/8
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA.
SOT23-6L
A2
A
L
H
b
E
D
e
e
A1
C
θ
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45 0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30 0.035
0.0512
b
0.35
0.50 0.0137
0.02
c
0.09
0.20 0.004
0.008
D
2.80
3.00
0.11
0.118
E
1.50
1.75 0.059
0.0689
e
0.95
0.0374
H
2.60
3.00 0.102
0.118
L
0.10
0.60 0.004
0.024
θ
10°
10°
mm
inch
0.60
0.024
0.95
0.037
RECOMMENDED FOOTPRINT (mm)
Lead plating
Tin-lead
Lead plating thickness
5
µm min
25
µm max
Lead material
Sn / Pb
(70% to 90%Sn)
Lead coplanarity
10
µm max
Body material
Molded epoxy
Flammability
UL94V-0
MECHANICAL SPECIFICATIONS
Type
Order Code
Weight
Marking
Package
Base Qty
KBMF01SC6
KBMF01SC6
16.7mg
KM1
SOT23-6L
3000
MARKING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com