Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBMFXXSC6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # KBMFXXSC6
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMFXXSC6 Datasheet(HTML) 3 Page - STMicroelectronics

  KBMFXXSC6 Datasheet HTML 1Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 2Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 3Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 4Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 5Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 6Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 7Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KBMFxxSC6
3/8
50
Ω
RF IN
Vg
50
Ω TG OUT
TEST BOARD
Fig. A1: Measurements configuration
1
10
100
1000
-40
-30
-20
-10
0
F (MHz)
Insertion loss (dB)
Fig. A2: KBMFxxSC6 attenuation curve
TECHNICAL INFORMATION
The KBMFxxSC6 ensure a filtering protection against ElectroMagnetic and RadioFrequency Interferences
thanks to its low-pass filter structure. This filter is characterized by the following parameters :
- cut-off frequency
- Insertion loss
- high frequency rejection
EMI FILTERING
The KBMFxxSC6 is particularly optimized to perform ESD protection. ESD protection is based on the use
of device which clamps at :
Vouput
V
R I
BR
d
PP
=+
.
This protection function is splitted in 2 stages. As shown in figure A3, the ESD strikes are clamped by the
first stage S1 and then its remaining overvoltage is applied to the second stage through the resistor R.
Such a configuration makes the output voltage very low at the Voutput level.
ESD PROTECTION
ESD Surge
Vinput
Voutput
Rload
Rg
Rs
S1
Rd
V
BR
V
BR
V
PP
Device
to be
protected
KBMFxxSC6
Rd
S2
Fig. A3: ESD clamping behavior



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com