Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8065 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 9 of 40
3901008065
May 2006
Rev 003
2.4 Dynamic Characteristics
6V
≤ VSUP ≤ 18V, -40°C ≤ TA ≤ 125°C, unless otherwise specified
Parameter
Symbol
Condition
Min
Typ
Max
Unit
T
[1]
RESET and Watchdog
VSUP = 12V,Vers. “A”
5.6
8
10.4
ms
A
VSUP = 12V,Vers. “B”
2.8
4
5.2
ms
A
VSUP = 12V,Vers. “C”
21
30
39
ms
A
Reset time
tRes
VSUP = 12V,Vers. “D”
10.5
15
19.5
ms
A
Reset rising time
trr
VSUP = 12V
3.0
6.5
12
μs
A
Discharge time CWD-capacity
tfCWD
CWD = 10nF,
ΔVCWD = 1V
5
µs
C
Watchdog period
tWD_per
CWD = 1nF ±1%
0.63
1.1
1.54
ms
A
Watchdog reset time
tWD_R
CWD = 1 nF ±1%
60
100
140
µs
A
Wake-up and Mode Select
Wake up time
twake_BUS
30
70
150
μs
A
Debouncing time EN
tdeb_EN
2
6
15
µs
D
Propagation delay EN to sleep mode
tpd_EN_sleep EN = High to Low
400
µs
A
Propagation delay EN to normal mode
tpd_EN_norm EN = Low to High
400
µs
A
Setup time TxD to EN for low slew mode
tset_TxD_LS TxD = Low before
EN = L/H
5
µs
B
Hold time TxD after EN for low slew mode
thold_TxD_LS TxD = Low after
EN = L/H
20
µs
B
General LIN Parameter
Slew rate rising edge BUS
dV/dTrise
0.8
1.5
2.5
V/µs
C
Slew rate falling edge BUS
dV/dTfall
Normal Mode
BUS-Load:
1kOhm/1nF
-2.5
-1.5
-0.8
V/µs
C
Slew rate rising edge BUS
dV/dTrise
0.3
0.8
1.3
V/µs
C
Slew rate falling edge BUS
dV/dTfall
Low Slew Mode
BUS-Load:
1kOhm/1nF
-1.3
-0.8
-0.3
V/µs
C
Receiver debouncing time
tdeb_BUS
1.5
2.8
4.0
µs
C
Receiver propagation delay BUS->RxD
tdr_RxD
tdf_RxD
CL(RXD) = 50 pF
6
µs
A
Symmetry propagation delay BUS->RxD
tdsym_RxD
tdr_RXD - tdf_RXD
-2
2
µs
A
Internal capacity
CBUS
Pulse at BUS via
10kOhm with 0/10 V;
VSUP = open
25
35
pF
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com