Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8065 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 16Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 13 of 40
3901008065
May 2006
Rev 003
3. Functional Description
The TH8065 consists of a low drop voltage regulator 5V/70mA and a LIN bus transceiver, which is a bi-
directional bus interface for data transfer between LIN bus and the LIN protocol controller.
Additionally integrated is a RESET unit with a power-on-reset delay of 8ms (optional 4,15 or 30ms).
and a programmable watchdog time which will be defined by an external capacity.
3.1 Operating Modes
The TH8065 provides three main operating modes “normal”, “sleep” and “low slew” and the intermediate
states “Ini-state” and “thermal shutdown”. The main modes are fixed states defined by basic actions (VSUP
start, EN or wake-up). The intermediate states are soft states. They aren’t defined by logical actions but by
changes of voltage (VSUP, VCC) or junction temperature.
Set Slew_State = L
Ini-state
VCC > Vres (4.65V) &
Slew_State=L
Sleep-
Mode
EN= H/L
VSUP > UVR_ON &
BUS Wake-up
EN=L
VSUP > UVR_OFF
VSUP < UVR_ON
VSUP < UVR_ON
VCC < Vres
Tj < Tjrec
clear Reset-Timer
Start Regulator -> VCC ramp up
RESET = L
Wake-up disabled
Regulator on
RESET = L / after tres RESET=H
and Watchdog activated
Wake-up disabled
LIN-Transceiver on/ normal slew mode
Normal-
Mode
thermal
shutdown
Regulator off
Thermal shutdown off
Wake-up enabled (LIN-Receiver on)
LIN-Transmitter off
Low Slew
Mode
EN= L/H edge & TxD=L
EN= L/H edge & TxD=H
EN= H/L
UVR / POR
VCC > Vres (4.65V) &
Slew_State=H
VCC < Vres
Regulator on
RESET = L / after tres RESET=H
and Watchdog activated
Wake-up disabled
Set Slew State = H
LIN-Transceiver on/ low slew mode
Tj > Tjshd
Regulator off
Wake-up disabled
LIN-Transceiver off
VSUP power on
Tj > Tjshd
Tj > Tjshd
Figure 5 - State diagram of operating modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com