Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90121 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 7 of 26
Data Sheet
Rev. 007
Jan-2008
8.
Applications Information
This schematic has been optimized to drive a fifty ohms resistive antenna, using a five volts power supply.
Functional description
The transmitter output TX is connected to the supply by means of a choke L3. C3 is added to avoid a high
dV/dt at the TX output in case of a sudden interruption of the current in the choke. C3 is chosen high
enough to protect the chip, but low enough to keep the resonance of L3-C3 well above 13.56 MHz.
The transmitter signal is coupled with DC blocking capacitor C2 to the antenna matching network, which is
a T network made up by L2, CV1 and L1. CV1 allows a proper matching between the 50Ohm antenna
and the output impedance of the transmitter stage.
The receiver part of the chip gets its signal directly from the antenna by means of R1. It limits the voltage
swing at the RX pin to a level in between the supplies.
One should take care to properly decouple the power supplies of the chip. Especially the Vdd1 supply
which is used for the transmitter output. Any amplitude noise on that supply is AM modulated on the
carrier and will hence be perceived as noise by the receiver part. The same holds for any phase noise that
gets introduced into the quartz oscillator.
For the signal that goes to- and from the microcontroller: one should take care to keep them as far as
possible from the analog parts and the quartz oscillator. To do a first evaluation, it is highly recommended
to use the MLX90121 evaluation board that can be ordered from Melexis. The clock for the microcontroller
can also be derived from the XBUF pin. This pin provides a 13.56MHz buffered clock or 13.56MHz divided
by 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com