Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90121 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 8 of 26
Data Sheet
Rev. 007
Jan-2008
9. Block Diagram
10. Digital Interface
The MLX90121 is driven by four signals: MODE and RTB pins are used to select the operating mode and
DIN and CK pins are used to configure the chip and to transmit data.
The MLX90121 has two signal outputs. DOUT contains the decoded response of the transponder and
DSYNC is used as a synchronization output by the microcontroller.
Pin Name
I/O
Function
MODE
RTB
DIN
CK
DOUT
DSYNC
I
I
I
I
O
O
0 = Configuration Mode, 1 = Communication Mode
0 = Transmission Mode, 1 = Reception Mode
Data Input for Transmission or Configuration
Clock and Trigger
Data Output from Reception or Configuration
Data Synchronization Clock for Transmission or Reception
Function Summary
MODE
RTB
Function
0
0
Configuration
1
0
Transmission
0
1
Reserved (*)
1
1
Reception
(*) the reserved mode is for manufacturing purpose only and should not be applied by the user.
PA
RX
TX
13.56MHz
FSK
Decoder
PSK
Decoder
AM
FM
Majority
Voting
DOUT
Programmable
Encoder
DIN
Digital
RMOD
XTAL
XBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com