Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1111/7 Datasheet(PDF) 14 Page - APM Hexseal Corporation All Rights Reserved

Part # C1111/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1111/7 Datasheet(HTML) 14 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1111/7 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
www.apmhexseal.com
800.498.9034
Indicator & Illuminated Pushbutton Switch Seals
HEXSEAL® indicator and lighted pushbutton switch boots are molded from RUBRGLAS™, APM’s proprietary transparent
silicone rubber formulation, bonded to a threaded metal insert. Each encloses the base of the protruding indicator or
lighted pushbutton switch bushing and forms a watertight and dust-tight seal against the front panel surface.
Handset Switch Boots
Ideal for wireless communications applications,
HEXSEAL® handset switch boots are engineered
to rugged specifications, withstanding a minimum
of half a million actuations.
C
B
A
SPECIFICATIONS
Material: Boot: Silicone rubber. Conforms to A-A-59588 Gr. 50
Temperature Range: -94°F to +400°F (-70°C to +204°C)
Shelf Life: Excess of 25 years.
Operational Life: 500,000 actuations, minimum.
Resistant to: Salt spray, weather, sunlight, ozone and most acids
Military Specifications*: Most Hexseal products meet MIL-DTL-5423.
For listing, see page 6.
B
C
A
D
2.828
Microphone M52, Handset H33/PT
Part No. 1211/13
B
C
A
D
3.661
Handset H189
Part No. 1211/14
B
C
A
D
1.953
Handset H250
Part No. 1211/31
D
AB
C
Hole
Width
Military
APM
DESCRIPTION
Locations
Part Number
Part
Color*
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
Number
Microphone M52, Handset H33/PT
.652
16.5
2.248
57.1
2.148
54.5
2.594
66.0
.612
15.5
M5423/15-01
1211/13
Gray
•
Handset H189
.406
10.4
1.300
33.0
1.250
31.7
3.380
85.9
.700
11.3
M5423/15-02
1211/14
Black
•
Handset H250
.576
14.6
.808
20.5
.718
18.2
1.500
38.0
.687
17.5
M5423/15-03
1211/31
Black
•
AB
C
Military
Thread
Width
Height
Boot O.D.
Fits Indicator
Part
APM Boot
Color
Size
inch
mm
inch
mm
inch
mm
Light #
Number
Part Number
11⁄16-32NS-2B
1.000
25.40
.750
19.04
.712
18.08
MS-25041
—
4082
Clear
•
11⁄16-32NS-2B
1.000
25.40
1.000
25.40
.712
18.08
——
4086
Clear
•
13⁄16-32NS-2B
1.125
28.58
.812
20.64
.843
21.43
——
4080
Clear
•
7⁄8-32NS-2B
1.125
28.58
.812
20.64
.858
21.79
——
4085
Clear
•
.850-24NS-2B
1.125
28.58
.812
20.64
.838
21.28
——
4088
Clear
•
RUBRGLAS® Seals – IP66/68 Rated
Figure 17
RUBRGLAS™ seals have an operational life of 30,000 actuations (minimum),
and a pressure rating of 15 psi internal/external.
Note: See page 20 for example of custom designed seals for lighted pushbutton switches.
DIMENSIONS FOR REFERENCE ONLY.
FIGURE 17
*Other colors available. Please consult factory.
Colorizing Incandescent
Lamp Filters Available
APM HEXSEAL also offers a broad range of silicone colorizing filters for miniature
incandescent lamps. These easy-to-install filters turn a white/clear lamp into a
colored indicator. Ask for SiliKrome® catalog SK100.
FIGURE 18
FIGURE 19
FIGURE 20
FIGURES 18, 19 & 20
RoHS
Compliant
RoHS
Compliant
*APM’s policy is to manufacture our HEXSEAL® sealing boots as defined by the requirements of MIL-Spec
MIL-DTL-5423 which we regard as the standard for the switch, circuit breaker and potentiometer industry.
These requirements were formulated based on our original patent.
DIMENSIONS FOR REFERENCE ONLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com