Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1111/7 Datasheet(PDF) 20 Page - APM Hexseal Corporation All Rights Reserved

Part # C1111/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1111/7 Datasheet(HTML) 20 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1111/7 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 19Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 20Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 21Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
www.apmhexseal.com
800.498.9034
METRIC Sizes for Toggle, Pushbutton and Rotary
Switches and Circuit Breakers
IP66/IP68/NEMA 6P Enclosure Protection
IP66/IP68/NEMA 6P Enclosure Protection
IP66/IP68/NEMA 6P Enclosure Protection
Operator
Chamber
E-SEEL® Silicone
Rubber Boot
Molded-in
Mounting
Nut
Panel Sealing
Rib (eliminates
need for O-ring)
Panel
Switch Housing
Single Piece
Design
Full Toggle (with Constant I.D.) Switch Boots
(covers all external portions of switch & seals switch mounting hole)
Figure A
1
Throat size is the maximum diameter of the switch toggle/handle (Dimension “A”).
2
Max toggle height is the maximum distance from the end of the switch mounting stem to the end of the switch toggle.
TOGGLE SWITCH BOOTS
PUSHBUTTON SWITCHES & CIRCUIT BREAKERS/PROTECTORS
Thread
Size
Throat Size1 (“A”)
Max Toggle Height2
Max Boot Height (“B”)
Flat (“C”)
Color
APM Cat. No.
mm
in.
mm
in.
mm
in.
mm
in.
M6 X 0.75
2.9
0.116
10.8
0.43
14.3
0.562
9.0
0.352
Black
1131/25*
M12 X 0.75
5.3
0.21
16.2
0.64
21.6
0.85
15.8
0.625
Black
C1131/41
M12 X 0.75
5.5
0.219
22.8
0.90
27.7
1.1
15.8
0.625
Black
1131/26-M12-.75
M12 X 1
6.5
0.256
16.7
0.66
21.4
0.844
15.8
0.625
Black
1131/31-M12
M12 X 1
5.9
0.234
16.9
0.66
21.8
0.859
15.8
0.625
Black
1131/40
M12 X 1
5.5
0.219
22.8
0.90
27.7
1.1
15.8
0.625
Black
1131/26-M12-.10
Half Toggle Switch Boots
(Seals switch mounting stem & hole; toggle actuator protrudes)
Figure B
Thread
Size
Throat Size
(“A”)
Toggle Diameter
Accomodated
Max Boot Height
(“B”)
Flat
(“C”)
Color
APM Cat. No.
mm
in.
mm
in.
mm
in.
mm
in.
M5 X 0.5
1.1
0.42
1.57-4.57
0.062-0.18
5.7
0.225/0.25
7.9
0.313
Black
1132/17-M5-5
M12 X 1
2.36
0.093
2.92-6.09
0.115-0.24
11.1
0.437
15.9
0.625
Black
1132/33-M12-1
Pushbutton Boots
(Seals switch mounting stem & hole; toggle actuator protrudes)
Figures C & D
1
“Clear” allows viewing of breaker amp rating and trip state; please enquire for other available colors.
Thread
Size1
Max Boot Height
(“A”)
Max Plunger
Height
Dimension “B”
Max Plunger
Diameter (“C”)
Color1
APM Cat. No.
Fig.
mm
in.
mm
in.
mm
in.
mm
in.
M10 X 1
15.47
0.62
8.4
0.33
16.3
0.64
8.1
0.32
Black
C1221/21-M10
D
M11 X 1
15.47
0.62
6.8
2.67
18.3
0.72
8.1
0.32
Clear
C1221/27
D
M12 X 1
18.64
0.733
11.9
0.469
15.9
0.625
10.72
0.422
Black
NC3030H-M12-1
C
M12 X 1
13.89
0.547
7.14
0.281
15.88
0.625
10.72
0.422
Black
N3030 M12x1
C
M12 X .75
13.89
0.547
7.14
0.281
15.88
0.625
10.72
0.422
Black
N3030 M12x.75
C
Fig. A
Fig. B
C
A
B
Fig. C
Fig. D
Aluminum
insert
IP66/IP68/NEMA 6P Enclosure Protection
ROTARY SHAFT SEALS
Seal the shaft and mounting hole of standard rotary switches/potentiometers
that use a threaded stem and nut mounting.
Figure E
1
Switch/potentiometer shaft must have a smooth, round cross-section where it meets the sealing edge of the shaft seal device.
2
Please enquire for other available colors.
Thread
Size
Shaft Size1 (“A”)
Height (“B”)
Flat (“C”)
Color2
APM Cat. No.
mm
in.
mm
in.
mm
in.
M7 X 0.75
5.0
0.2
5.5
0.2
12.7
0.500
Gray
1332/39-2*
M9 X 0.75
6.35
0.250
5.56
0.219
12.7
0.500
Gray
C1332/41*
M10 X 1
6.0
0.236
5.9
0.236
12.7
0.500
Gray
1332/45*
Fig. E
Additional metric sizes available (consult factory)
SPECIFICATIONS
Material ........................Silicone rubber polymer type ASTM D 1418 or A-A-59588
Mounting Nut ..............Brass, black-oxide. *Brass, nickel-plated.
Temperature Range....-80°F to +400°F (-62°C to +204°C)
Enclosure Protection..NEMA/UL/ULC Types 1, 2, 3, 3S, 3R, 4, 4X, 6P, 12, 13; IEC IP66/IP68
Pressure Range ..........Exceeds 15 psi internal and 1500 psi external
Operational Life ..........100,000 actuations (minimum)
Shelf Life .....................Excess of 25 years
Resistant to.................Salt spray, sunlight, ozone, weather, fungus,
and most acids and lubricating oils
Agency Recognition...UL & ULC Recognized Component to UL Std. 50
Installation...................Please see installation instructions on page 19
RoHS
Compliant
C
US
UL Recognized Component
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com