Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5388 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5388
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5388 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5388 Datasheet HTML 1Page - RF Micro Devices RF5388 Datasheet HTML 2Page - RF Micro Devices RF5388 Datasheet HTML 3Page - RF Micro Devices RF5388 Datasheet HTML 4Page - RF Micro Devices RF5388 Datasheet HTML 5Page - RF Micro Devices RF5388 Datasheet HTML 6Page - RF Micro Devices RF5388 Datasheet HTML 7Page - RF Micro Devices RF5388 Datasheet HTML 8Page - RF Micro Devices RF5388 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF5388
Preliminary
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
5.0GHz Transmit, cont.
Sensitivity
>10dBm
25
mV/dB
0<POUT<10dBm
8
mV/dB
Current Operating
150
mA
RF POUT=+16dBm, RMS, mean with a stan-
dard IEEE802.11g waveform, OFDM,
54Mbits/s, 64 QAM at rated output power
Idle Current
90
mA
VCC=3.3V, PA EN_a=2.85V, RF=OFF
IPAEN_a
8
mA
Shutdown
5
μA
PAEN_a Supply Voltage
3.0
3.3
3.6
V
PA EN_a Voltage
2.8
2.85
2.9
V
PAEN_a is in the high state (ON)
-0.2
+0.2
V
PAEN_a is in the off state (OFF)
Switch Voltages
3.0
3.6
V
Switch voltage in the high state.
0
0.2
V
Switch voltage in the low state.
Input Impedance
50
Ω
Output Impedance
50
Ω
Stability Output VSWR
3:1
Stable, max spurious -47dBm
Conditions: max operating voltage, max input
power
Ruggedness Output VSWR
10:1
No damage, conditions: max operating voltage,
max input power
Second Harmonic
-30
dBm
At POUT=+16dBm, measured in 1MHz RBW
with 6Mbps 11a signal, Fundamental Fre-
quency is between 4.9GHz to 5.299GHz.
-43
dBm
At POUT=+16dBm, measured in 1MHz RBW
with 6Mbps 11a signal, Fundamental Fre-
quency is between 5.3GHz to 5.85GHz.
IEEE802.11a Spectral Mask per
FCC Part 15.205
-43
dBm
Amplifier set up for best IEEE802.11a perfor-
mance; FC=5180MHz; RF POUT=+16dBm;
T=+25°C, Measured at 5150MHz
IEEE802.11a Spectral Mask per
FCC Part 15.205
-43
dBm
Amplifier set up for best IEEE802.11a perfor-
mance; FC=5320MHz; RF POUT=+16dBm;
T=+25°C, Measured at 5350MHz
Turn-On Time
1.0
μSec
Output stable to within 90% of final gain
Turn-Off Time
1.0
μSec
Output stable to within 90% of final gain
Antenna Port Impedance
Input
50
Ω
Output
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com