Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5388 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5388
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5388 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5388 Datasheet HTML 1Page - RF Micro Devices RF5388 Datasheet HTML 2Page - RF Micro Devices RF5388 Datasheet HTML 3Page - RF Micro Devices RF5388 Datasheet HTML 4Page - RF Micro Devices RF5388 Datasheet HTML 5Page - RF Micro Devices RF5388 Datasheet HTML 6Page - RF Micro Devices RF5388 Datasheet HTML 7Page - RF Micro Devices RF5388 Datasheet HTML 8Page - RF Micro Devices RF5388 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
LNA VCC
ANT
SW1
VCC_g
VCC_g
PA EN_a
TX_a
TX _g
PA EN_g
1
4
6
28
14
38
15
16
19
17
36
8
10
32
31
33
27
26
25
18
20
HB
BP
Filter
LB
BP
Filter
TX
Diplexer
RX
Diplexer
RF5388
3.3V, DUAL-BAND FRONT-END MODULE
The RF5388 is a single-chip dual-band integrated front-end module (FEM) for high-
performance WLAN applications in the 2.5GHz and 5GHz ISM bands. The RF5388
addresses the need for aggressive size reduction for a typical 802.11a/b/g RF
front-end design and greatly reduces the number of components outside of the
core chipset thus minimizing the footprint and assembly cost of the overall
802.11a/b/g/n solution. The RF5388 contains integrated PA’s for 2.5GHz and
5GHz, diplexers, TX/RX switch, LNA for the 5.0GHz receive band, matching compo-
nents, some bypass capacitors, built-in power detector for both bands, and filters
for transmit and receive paths. The RF5388 is packaged in a 40-pin,
6mmx6mmx0.9mm QFN package with backside ground. Greatly minimizes next
level board space and allows for simplified integration.
Features
Single-Module Radio Front-
End
Single Supply Voltage 3.0V to
3.6V
Integrated 2.5GHz & 5GHZ
PA’s, Diplexers, Filters &
Switches for TX & RX
POUT=18dBm, 11g, OFDM a
4% Typ EVM, POUT=16dBm,
11a, OFDM @ 4% Typ EVM
Applications
IEEE802.11a/b/g/n WLAN
Applications
Single-Chip RF Front-End
Module
2.5GHz and 5GHz ISM Bands
Applications
Wireless LAN Systems
Portable Battery-Powered
Equipment
RF5388
3.3V, Dual-Band Front-End Module
RF5388PCBA-410
Fully Assembled Evaluation Board
Rev A1 DS071026
Preliminary
Package Style: QFN, 40-Pin, 6 x 6 x 0.9 mm


Similar Part No. - RF5388

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385PCK-410 RFMD-RF5385PCK-410 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385SQ RFMD-RF5385SQ Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385SR RFMD-RF5385SR Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385TR7 RFMD-RF5385TR7 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RF5388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
Dual-band RF front-end
1999 Mar 02
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
3.7V, DUAL-BAND FRONT-END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY68000-11 SKYWORKS-SKY68000-11 Datasheet
164Kb / 2P
LTE Dual-Band Front-End Module for IoT
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
SKY68000-31 SKYWORKS-SKY68000-31 Datasheet
144Kb / 2P
LTE Dual-Band Front-End Module for IoT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com