Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PSC
Description  General-Purpose and Sensor Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSC Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PSC Datasheet HTML 1Page - Eaton All Rights Reserved. PSC Datasheet HTML 2Page - Eaton All Rights Reserved. PSC Datasheet HTML 3Page - Eaton All Rights Reserved. PSC Datasheet HTML 4Page - Eaton All Rights Reserved. PSC Datasheet HTML 5Page - Eaton All Rights Reserved. PSC Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
V7-T6-10
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—April 2019 www.eaton.com
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSC Series
Contents
Description
Page
PSL Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-4
PSC Series
Catalog Number Selection . . . . . . . . . . . . . . . .
V7-T6-11
Product Selection . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-11
Technical Data and Specifications . . . . . . . . . .
V7-T6-12
Power Derating Curves . . . . . . . . . . . . . . . . . .
V7-T6-14
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-14
PSG Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-16
ELC Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-36
easyRelay Power Supply . . . . . . . . . . . . . . . . . . . .
V7-T6-39
Sensor Power Supply . . . . . . . . . . . . . . . . . . . . . .
V7-T6-43
PSC Series
Product Description
The PSC Compact series
operates with universal AC
input range and offers full
power up to 55 °C. The
output is adjustable from
24 to 28 volts and can
support up to 3000
microfarads of load
capacitance. All models in the
series are certified according
to IEC/EN/UL 60950-1
Information Technology
Equipment (ITE) and UL 508
Industrial Control Equipment
(ICE). The series is also fully
compliant with RoHS
Directive 2011/65/EU for
environmental protection.
NEC Class 2 and Limited
Power Source (LPS) approvals
are available for this product.
Application Description
The ultra-compact and
competitively priced Eaton
Compact DIN Rail Power
Supply series is designed for
industrial applications
requiring highly reliable
power supply within a tight
space. Simple to operate with
HMI displays and industrial
ethernet.
Features, Benefits and
Functions
●
30 W, 50 W and 100 W
ratings
●
Ultra-compact size
●
Universal AC input voltage
100–240 Vac (120–375 Vdc)
●
Up to 87% efficiency at
230 Vac
●
Extreme low temperature
cold start at –40 °C
●
Overvoltage / overcurrent /
over-temperature
protections
●
Under 100 W power output
at 24 Vdc
●
Wide operating
temperature range: –20 °C
to +70 °C
●
Storage temperature:
–20 °C to +85 °C
●
MTBF greater than
350,000 hours ensures
uptime and reliability
●
Protection from
overvoltage, short circuit,
overcurrent and over
temperature conditions
●
Plastic housings provide
the durability required to
withstand harsh
environments
●
Finger-safe terminals
●
LED indicating light for
DC OK simplifies
troubleshooting
●
Redundancy modules keep
loads up and running in the
event of a device failure
●
NEC Class 2 rated model 1
●
150% power surge output
●
IP20 protection degree
●
Earth connection is
required
●
A green LED indicates
output is present
Standards and Certifications
●
UL 508
●
NEC Class 2
●
CE marked
●
RoHS compliant
Note
1 The NEC Class 2 model is certified as an NEC Class 2 power source. This means that after
a small startup window, the power supply cannot exceed a maximum of 100 W under any
circumstances, including overload, short-circuit or internal failure.


Similar Part No. - PSC

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
Spiral Chip Inductor
14-Mar-08
logo
DDK Ltd.
PSC DDK-PSC Datasheet
199Kb / 3P
SMB Connector
logo
Clarke International
PSC CLARKE-PSC Datasheet
307Kb / 8P
SPRAY GUN
0903
logo
Mini-Circuits
PSC-10-1 MINI-PSC-10-1 Datasheet
201Kb / 1P
Power Splitter/Combiner
More results

Similar Description - PSC

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
Fairchild Semiconductor
KSH44H11TF FAIRCHILD-KSH44H11TF Datasheet
46Kb / 5P
General Purpose Power and Switching
logo
IC-Haus GmbH
IC-HO ICHAUS-IC-HO Datasheet
788Kb / 2P
GENERAL PURPOSE SENSOR INTERFACE
logo
TDK Electronics
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com