Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # PSC
Description  General-Purpose and Sensor Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSC Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  PSC Datasheet HTML 1Page - Eaton All Rights Reserved. PSC Datasheet HTML 2Page - Eaton All Rights Reserved. PSC Datasheet HTML 3Page - Eaton All Rights Reserved. PSC Datasheet HTML 4Page - Eaton All Rights Reserved. PSC Datasheet HTML 5Page - Eaton All Rights Reserved. PSC Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V7-T6-12
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—April 2019 www.eaton.com
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
Technical Data and Specifications
PSC Series
PSC30E24RP
PSC50E24RP
PSC100E24RP
Input
Nominal voltage
100–240 Vac / 50–60 Hz
100–240 Vac / 50–60 Hz
100–240 Vac / 50–60 Hz
AC input range
85–264 Vac
85–264 Vac
85–264 Vac
DC input range
120–375 Vdc
120–375 Vdc
120–375 Vdc
Input frequency range
47–63 Hz
47–63 Hz
47–63 Hz
Nominal current
<0.8 A at 115 Vac, <0.4 A at 230 Vac
<1.0 A at 115 Vac, <0.6 A at 230 Vac
<1.2 A at 115 Vac, <0.6 A at 230 Vac
Inrush current limitation
<35 A at 115 Vac, <60 A at 230 Vac
<35 A at 115 Vac, <60 A at 230 Vac
<35 A at 115 Vac, <60 A at 230 Vac
Mains buffering at nominal load
20 ms typ. at 115 Vac, 100 ms typ. at 230 Vac
20 ms typ. at 115 Vac, 90 ms typ. at 230 Vac
25 ms typ. at 115 Vac, 50 ms typ. at 230 Vac
Turn-on time
<3 sec. at 115 Vac, <1.6 sec. at 230 Vac
<3 sec. at 115 Vac, <1.5 sec. at 230 Vac
<3 sec. at 115 Vac, <1.5 sec. at 230 Vac
Internal fuse
T 3.15 A / 250 V
T 3.15 A / 250 V
T 3.15 A / 250 V
Leakage current
<1 mA at 240 Vac
<1 mA at 240 Vac
<1 mA at 240 Vac
Output
Power
30 W
50 W
91.2 / 96 W
Nominal output voltage
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
Adjustment range
24–28 Vdc (Maximum power ≤ 30 W)
24–28 Vdc (Maximum power ≤ 50 W)
22–24 Vdc (Maximum power ≤ 91.2W)
Nominal current
1.25 A
2.1 A
3.8 A
Derating
–10 °C to –20 °C (2% / °C), >55 °C (3.33% / °C)
in Vertical
–10 °C to –20 °C (2% / °C), >55 °C (3.33% / °C)
in Vertical
–10 °C to –20 °C (2% / °C), >55 °C (3.33% / °C)
in Vertical
Power derating–horizontal mounting
N/A
N/A
N/A
Startup with capacitive loads
Max. 3,000 μF
Max. 3,000 μF
Max. 3,000 μF
Max. power dissipation idling /
nominal load approx.
0.5 W / 4.5 W
0.5 W / 7 W
0.4 W / 10 W
Efficiency
87.0% typ. at 115 Vac, 88.0% typ. at 230 Vac
86.0% typ. at 115 Vac, 88.0% typ. at 230 Vac
87.0% typ. at 115 Vac, 89.0% typ. at 230 Vac
Residual ripple/peak switching (20 M Hz)
<75 mVpp
<75 mVpp
<75 mVpp
Parallel operation
PSG480R24RM / PSG960R24RM / With o-ring
Diode
PSG480R24RM / PSG960R24RM / With o-ring
Diode
PSG480R24RM / PSG960R24RM / With o-ring
Diode
Galvanic isolation
Input/output
3.0K Vac
3.0K Vac
3.0K Vac
Input/ground
3.0K Vac
3.0K Vac
3.0K Vac
Output/ground
0.5K Vac
0.5K Vac
0.5K Vac
General / physical data
Housing material
Plastic (PC), enclosed
Plastic (PC), enclosed
Plastic (PC), enclosed
Signals
Green LED DC OK
Green LED DC OK
Green LED DC OK
MTBF
>350,000 hr
>350,000 hr
>350,000 hr
Dimensions (length)
75 mm
75 mm
75 mm
Dimensions (width)
21 mm
30 mm
45 mm
Dimensions (height)
89.5 mm
89.5 mm
100 mm
Weight (kg)
0.11 kg
0.18 kg
0.325 kg
Terminals
Finger safe
Finger safe
Finger safe
Wire size
AWG 22-12 / AWG 20-12
AWG 22-12 / AWG 20-12
AWG 22-12 / AWG 20-12
Operating temperature
–20 °C to +70 °C
–20 °C to +70 °C
–20 °C to +70 °C
Storage temperature
–40 °C to +85 °C
–40 °C to +85 °C
–40 °C to +85 °C
Operating humidity
5 to 95% RH
5 to 95% RH
5 to 95% RH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com