Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4936E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4936E
Description  ADVANCED VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4936E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4936E Datasheet HTML 3Page - STMicroelectronics L4936E Datasheet HTML 4Page - STMicroelectronics L4936E Datasheet HTML 5Page - STMicroelectronics L4936E Datasheet HTML 6Page - STMicroelectronics L4936E Datasheet HTML 7Page - STMicroelectronics L4936E Datasheet HTML 8Page - STMicroelectronics L4936E Datasheet HTML 9Page - STMicroelectronics L4936E Datasheet HTML 10Page - STMicroelectronics L4936E Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1
µA
D94AT081
OUT1
RES
Low threshold VBE at 1µA=0.5V at 25°C
PR
VOUT1
74K
REG
17K
REF
1.23V
CT
CT
10...100K
High threshold
=1.4
Figure 3: Reset Generator
Figure 4:
L4936E
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com