Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4936E Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4936E
Description  ADVANCED VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4936E Datasheet(HTML) 1 Page - STMicroelectronics

  L4936E Datasheet HTML 1Page - STMicroelectronics L4936E Datasheet HTML 2Page - STMicroelectronics L4936E Datasheet HTML 3Page - STMicroelectronics L4936E Datasheet HTML 4Page - STMicroelectronics L4936E Datasheet HTML 5Page - STMicroelectronics L4936E Datasheet HTML 6Page - STMicroelectronics L4936E Datasheet HTML 7Page - STMicroelectronics L4936E Datasheet HTML 8Page - STMicroelectronics L4936E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L4936E
ADVANCED VOLTAGE REGULATOR
ENABLE AND SENSE INPUTS (EN, SI) PRO-
TECTED AGAINST NEGATIVE TRANSIENTS
DOWN TO -5V
RESET THRESHOLD ADJUSTABLE FROM
3.8 TO 4.7V
EXTREMELY LOW QUIESCENT CURRENT,
65
µA (LESS THAN 90µA) IN STANDBY
MODE
OPERATING DC SUPPLY VOLTAGE RANGE
5V - 28V
OPERATING TRANSIENT SUPPLY VOLT-
AGE UP TO 40V
HIGH PRECISION STANDBY OUTPUT VOLT-
AGE 5V
± 1% WITH 100mA CURRENT CA-
PABILITY
OUTPUT 2 VOLTAGE 5V
± 2% WITH 400mA
CURRENT CAPABILITY (ADJ WIRED TO
VOUT2)
OUTPUT 2 VOLTAGE ADJUSTABLE BY EX-
TERNAL VOLTAGE DIVIDER
OUTPUT
2
DISABLE
FUNCTION
FOR
STANDBY MODE
DESCRIPTION
The L4936E is a monolithic integrated dual volt-
age regulator with two very low dropout outputs
and additional functions as power-on reset and in-
put voltage sense. It is designed for supplying the
microcomputer controlled systems especially in
automotive applications.
June 2000
®
PIN CONNECTIONS (Top views)
MULTIWA TT 11
MULTIWATT 15
ORDERING NUMBERS: L4936E (Multiwatt 11)
L4936EH (Multiwatt 15)
1
2
3
4
5
6
7
D94AT077
9
10
11
8
OUT2
ADJ
OUT1
SO
RES
GND
EN
CT
PR
SI
VS1/VS2
TAB CONNECTED TO PIN 6
Multiwatt11
1
2
3
4
5
6
7
D94AT078A
9
10
11
8
N.C.
N.C.
RES
GND
EN
N.C.
CT
PR
SI
VS1
VS2
TAB CONNECTED TO PIN 6
13
14
15
12
OUT2
ADJ
OUT1
SO
Multiwatt15
1/11


Similar Part No. - L4936E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4936NH STMICROELECTRONICS-L4936NH Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
More results

Similar Description - L4936E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938E STMICROELECTRONICS-L4938E Datasheet
101Kb / 12P
ADVANCED VOLTAGE REGULATOR
Feb-1999
logo
Semtech Corporation
MP60G SEMTECH-MP60G Datasheet
25Kb / 4P
VOLTAGE REGULATOR MODULE FOR INTEL ADVANCED PROCESSORS
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
ADDtek Corp
A705 ADDTEK-A705 Datasheet
164Kb / 7P
200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
A708 ADDTEK-A708 Datasheet
177Kb / 8P
3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
350mA Advanced Current Regulator
logo
STMicroelectronics
L4938EP STMICROELECTRONICS-L4938EP Datasheet
276Kb / 20P
Advanced voltage regulator
20-Sep-2013
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com