Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569ACPZF16 Datasheet(PDF) 141 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 141 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 136Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 137Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 138Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 139Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 140Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 141Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 142Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 143Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 141 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 141 of 144
PORT 0
Port 0 is controlled directly through the bit-addressable Port 0
SFR (P0, 0x80). The weak internal pull-ups for Port 0 are
configured through the Port 0 Weak Pull-Up Enable SFR
(PINMAP0, 0xB2); they are enabled by default. The weak
internal pull-up is disabled by writing a 1 to PINMAP0.x.
Port 0 pins also have various secondary functions as described
in Table 156. The alternate functions of Port 0 pins can be
activated only if the corresponding bit latch in the Port 0 SFR
contains a 1. Otherwise, the port pin remains at 0.
PORT 1
Port 1 is an 8-bit bidirectional port controlled directly through
the bit-addressable Port 1 SFR (P1, 0x90). The weak internal
pull-ups for Port 1 are configured through the Port 1 Weak
Pull-Up Enable SFR (PINMAP1, 0xB3); they are enabled by
default. The weak internal pull-up is disabled by writing a 1 to
PINMAP1.x.
Port 1 pins also have various secondary functions as described
in Table 157. The alternate functions of Port 1 pins can be
activated only if the corresponding bit latch in the Port 1 SFR
contains a 1. Otherwise, the port pin remains at 0.
PORT 2
Port 2 is a 4-bit bidirectional port controlled directly through
the bit-addressable Port 2 SFR (P2, 0xA0). Note that P2.3 can be
used as an output only. Consequently, any read operation, such
as a CPL P2.3, cannot be executed on this I/O. The weak
internal pull-ups for Port 2 are configured through the Port 2
Weak Pull-Up Enable SFR (PINMAP2, 0xB4); they are enabled
by default. The weak internal pull-up is disabled by writing a 1
to PINMAP2.x.
Port 2 pins also have various secondary functions as described
in Table 158. The alternate functions of Port 2 pins can be
activated only if the corresponding bit latch in the Port 2 SFR
contains a 1. Otherwise, the port pin remains at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com