Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569ACPZF16 Datasheet(PDF) 144 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 144 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 136Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 137Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 138Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 139Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 140Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 141Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 142Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 143Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 144 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 144 of 144
ORDERING GUIDE
Model1
Anti-
Tamper
di/dt Sensor
Interface
VAR
Flash (kB)
Temperature
Range
Package Description
Package
Option
ADE7566ACPZF82
No
No
No
8
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-1
ADE7566ACPZF8-RL2
No
No
No
8
−40°C to +85°C
64-Lead LFCSP_VQ, Reel
CP-64-1
ADE7566ACPZF162
No
No
No
16
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-1
ADE7566ACPZF16-RL2
No
No
No
16
−40°C to +85°C
64-Lead LFCSP_VQ, Reel
CP-64-1
ADE7566ASTZF82
No
No
No
8
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE7566ASTZF8-RL2
No
No
No
8
−40°C to +85°C
64-Lead LQFP, Reel
ST-64-2
ADE7566ASTZF162
No
No
No
16
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE7566ASTZF16-RL2
No
No
No
16
−40°C to +85°C
64-Lead LQFP, Reel
ST-64-2
ADE7569ACPZF162
No
Yes
Yes
16
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-1
ADE7569ACPZF16-RL2
No
Yes
Yes
16
−40°C to +85°C
64-Lead LFCSP_VQ, Reel
CP-64-1
ADE7569ASTZF162
No
Yes
Yes
16
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE7569ASTZF16-RL2
No
Yes
Yes
16
−40°C to +85°C
64-Lead LQFP, Reel
ST-64-2
ADE7166ACPZF82
Yes
No
No
8
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-1
ADE7166ACPZF8-RL2
Yes
No
No
8
−40°C to +85°C
64-Lead LFCSP_VQ, Reel
CP-64-1
ADE7166ACPZF162
Yes
No
No
16
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-1
ADE7166ACPZF16-RL2
Yes
No
No
16
−40°C to +85°C
64-Lead LFCSP_VQ, Reel
CP-64-1
ADE7166ASTZF82
Yes
No
No
8
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE7166ASTZF8-RL2
Yes
No
No
8
−40°C to +85°C
64-Lead LQFP, Reel
ST-64-2
ADE7166ASTZF162
Yes
No
No
16
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE7166ASTZF16-RL2
Yes
No
No
16
−40°C to +85°C
64-Lead LQFP, Reel
ST-64-2
ADE7169ACPZF162
Yes
Yes
Yes
16
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-1
ADE7169ACPZF16-RL2
Yes
Yes
Yes
16
−40°C to +85°C
64-Lead LFCSP_VQ, Reel
CP-64-1
ADE7169ASTZF162
Yes
Yes
Yes
16
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE7169ASTZF16-RL2
Yes
Yes
Yes
16
−40°C to +85°C
64-Lead LQFP, Reel
ST-64-2
ADE8052-PRG1
ADE Programmer
ADE8052Z-PRG1
ADE Programmer
ADE8052-DWDL1
ADE Downloader
ADE8052Z- DWDL 1
ADE Downloader
ADE8052-EMUL1
ADE Emulator
ADE8052Z-EMUL1
ADE Emulator
EVAL- ADE7169F16EBZ2
ADE7169 Evaluation Board
EVAL- ADE7569F16EBZ2
ADE7569 Evaluation Board
1 All models have W + VA + rms, 5 V LCD, and RTC.
2 Z = RoHS Compliant Part.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06353-0-12/07(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com