Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2314 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2314
Description  GENERAL PURPOSE LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2314 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2314 Datasheet HTML 1Page - RF Micro Devices RF2314 Datasheet HTML 2Page - RF Micro Devices RF2314 Datasheet HTML 3Page - RF Micro Devices RF2314 Datasheet HTML 4Page - RF Micro Devices RF2314 Datasheet HTML 5Page - RF Micro Devices RF2314 Datasheet HTML 6Page - RF Micro Devices RF2314 Datasheet HTML 7Page - RF Micro Devices RF2314 Datasheet HTML 8Page - RF Micro Devices RF2314 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2314
Rev A7 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Package Style: SOT 5-Lead
Application Schematic
Pin
Function
Description
Interface Schematic
1GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
2GND
Same as pin 1.
3RF IN
RF input pin. This pin is internally DC-blocked and thus does not require an
external blocking capacitor. The input impedance of this pin is internally
matched to 50
Ω using resistive feedback.
4VCC
Supply connection. Generally, there is no need for an external bypass
capacitor.
See pin 3 schematic.
5RF OUT
RF output pin. The output impedance of this pin is internally matched to
50
Ω using resistive feedback.
See pin 3 schematic.
RF IN
RF OUT
300
Ω
VCC
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
1
2
3
5
4
RF IN
RF OUT
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com