Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2314 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2314
Description  GENERAL PURPOSE LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2314 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2314 Datasheet HTML 3Page - RF Micro Devices RF2314 Datasheet HTML 4Page - RF Micro Devices RF2314 Datasheet HTML 5Page - RF Micro Devices RF2314 Datasheet HTML 6Page - RF Micro Devices RF2314 Datasheet HTML 7Page - RF Micro Devices RF2314 Datasheet HTML 8Page - RF Micro Devices RF2314 Datasheet HTML 9Page - RF Micro Devices RF2314 Datasheet HTML 10Page - RF Micro Devices RF2314 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF2314
Rev A7 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Gain versus Temperature
Frequency=900MHz
11.50
12.00
12.50
13.00
13.50
14.00
14.50
-60.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Temp (
oC)
Vcc=3V
Vcc=5V
OIP3 versus Temperature
Frequency=900MHz
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
-60.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Temperature (
oC)
Vcc=3V
Vcc=5V
OP1dB versus Temperature
Frequency=900MHz
-6.00
-4.00
-2.00
0.00
2.00
4.00
6.00
-60.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Temperature (
oC)
Vcc=3V
Vcc=5V
ICC versus Temperature
Frequency=900MHz
2.00
4.00
6.00
8.00
10.00
12.00
14.00
-60.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Temperature (
oC)
Vcc=3V
Vcc=5V
Gain versus Temperature
Frequency=1900MHz
7.00
7.20
7.40
7.60
7.80
8.00
8.20
8.40
8.60
-60.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Temperature (
oC)
Vcc=3V
Vcc=5V
OIP3 versus Temperature
Frequency=1900MHz
5.00
7.00
9.00
11.00
13.00
15.00
17.00
19.00
21.00
23.00
25.00
-60.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Temperature (
oC)
Vcc=3V
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com