Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2304 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2304 Datasheet HTML 1Page - RF Micro Devices RF2304 Datasheet HTML 2Page - RF Micro Devices RF2304 Datasheet HTML 3Page - RF Micro Devices RF2304 Datasheet HTML 4Page - RF Micro Devices RF2304 Datasheet HTML 5Page - RF Micro Devices RF2304 Datasheet HTML 6Page - RF Micro Devices RF2304 Datasheet HTML 7Page - RF Micro Devices RF2304 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF2304
Rev A7 DS060908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +6.5
V
DC
DC Current
40
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Overall Frequency Range
300
2500
MHz
Supply Voltage
2.7
6.0
V
Operating Current (ICC)8.4
mA
VCC=3V, Temp=27°C
711
26
mA
VCC=5V, Temp=27°C
Operating Ambient Temperature
-40
+85
°C
3V Performance
Gain
11.7
dB
Freq=300MHz, VCC=3V, Temp=27°C
Gain
8.5
dB
Freq=900MHz, VCC=3V, Temp=27°C
Noise Figure
1.9
dB
Input IP3
+6.9
dBm
OP1dB
+7.5
dBm
Gain
9.2
dB
Freq=1950MHz, VCC=3V, Temp=27°C
Noise Figure
1.7
dB
Input IP3
+8.6
dBm
OP1dB
+6.9
dBm
Gain
8.2
dB
Freq=2450MHz, VCC=3V, Temp=27°C
Noise Figure
1.7
dB
Input IP3
+10.5
dBm
OP1dB
+7.5
dBm
5V Performance
Gain
12.5
dB
Freq=300MHz, VCC=5V, Temp=27°C
Gain
10
12
14
dB
Freq=900MHz, VCC=5V, Temp=27°C
Noise Figure
1.9
dB
Input IP3
+8.4
dBm
OP1dB
+8.7
dBm
Gain
9.8
dB
Freq=1950MHz, VCC=5V, Temp=27°C
Noise Figure
1.9
dB
Input IP3
+10.0
dBm
OP1dB
+8
dBm
Gain
6
8
11
dB
Freq=2450MHz, VCC=5V, Temp=27°C
Noise Figure
1.6
dB
Input IP3
+8.0
dBm
OP1dB
+6
dBm
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com