Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F80-75VIP Datasheet(PDF) 17 Page - Eon Silicon Solution Inc.

Part # EN25F80-75VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-75VIP Datasheet(HTML) 17 Page - Eon Silicon Solution Inc.

Back Button EN25F80-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
17
EN25F80
Rev. E, Issue Date: 2007/11/23
Figure 15. Deep Power-down Instruction Sequence Diagram
Release from Deep Power-down and Read Device ID (RDI)
Once the device has entered the Deep Power-down mode, all instructions are ignored except the
Release from Deep Power-down and Read Device ID (RDI) instruction. Executing this instruction
takes the device out of the Deep Power-down mode.
Please note that this is not the same as, or even a subset of, the JEDEC 16-bit Electronic Signature
that is read by the Read Identifier (RDID) instruction. The old-style Electronic Signature is supported
for reasons of backward compatibility, only, and should not be used for new designs. New designs
should, instead, make use of the JEDEC 16-bit Electronic Signature, and the Read Identifier (RDID)
instruction.
When used only to release the device from the power-down state, the instruction is issued by driving
the CS# pin low, shifting the instruction code “ABh” and driving CS# high as shown in Figure 16.
After the time duration of tRES1 (See AC Characteristics) the device will resume normal operation
and other instructions will be accepted. The CS# pin must remain high during the tRES1 time
duration.
When used only to obtain the Device ID while not in the power-down state, the instruction is initiated
by driving the CS# pin low and shifting the instruction code “ABh” followed by 3-dummy bytes. The
Device ID bits are then shifted out on the falling edge of CLK with most significant bit (MSB) first as
shown in Figure 17. The Device ID value for the EN25F80 are listed in Table 5. The Device ID can
be read continuously. The instruction is completed by driving CS# high.
When Chip Select (CS#) is driven High, the device is put in the Stand-by Power mode. If the device
was not previously in the Deep Power-down mode, the transition to the Stand-by Power mode is
immediate. If the device was previously in the Deep Power-down mode, though, the transition to the
Standby Power mode is delayed by tRES2, and Chip Select (CS#) must remain High for at least
tRES2 (max), as specified in Table 10. Once in the Stand-by Power mode, the device waits to be
selected, so that it can receive, decode and execute instructions.
Except while an Erase, Program or Write Status Register cycle is in progress, the Release from
Deep Power-down and Read Device ID (RDI) instruction always provides access to the 8bit Device
ID of the device, and can be applied even if the Deep Power-down mode has not been entered.
Any Release from Deep Power-down and Read Device ID (RDI) instruction while an Erase, Program
or Write Status Register cycle is in progress, is not decoded, and has no effect on the cycle that is in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com