Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2163 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2163
Description  3V, 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2163 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2163 Datasheet HTML 2Page - RF Micro Devices RF2163 Datasheet HTML 3Page - RF Micro Devices RF2163 Datasheet HTML 4Page - RF Micro Devices RF2163 Datasheet HTML 5Page - RF Micro Devices RF2163 Datasheet HTML 6Page - RF Micro Devices RF2163 Datasheet HTML 7Page - RF Micro Devices RF2163 Datasheet HTML 8Page - RF Micro Devices RF2163 Datasheet HTML 9Page - RF Micro Devices RF2163 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RF2163
Rev A6 DS060301
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
2400MHz to 2483MHz
4
3
2
1
16
15
14
13
5
6
7
8
9
12
11
10
Bias
C1
1.5 pF
L3
1.5 nH
R2
390
Ω
R1
390
Ω
C15
1000 pF
P1-3
C16
1000 pF
P1-1
C21
10 uF
C3
1000 pF
P2-2
P2-1
C20
10 uF
C13
1000 pF
L2
10 nH
C6
3.0 pF
C5
3.0 pF
L1
15 nH
C7
1.5 pF
C8
10 pF
C9
10 pF
C10
1000 pF
C22
10 uF
C11
6.2 pF
C4
1000 pF
C2
1000 pF
V
REG1 = 2.3 V
V
REG2 = 2.3 V
V
CC = 3.5 V
Part is Backside Grounded.
C12
1000 pF
2163400-
P1
1
2
3
GND
P1-1
PS REF
P1-3
PWR SENSE
P2
1
2
3
4
GND
P2-2
VREG1
P2-4
VCC
P2-1
VREG2
TL1
TL2
J1
RF IN
50
Ω μstrip
P2-4
Transmission
Line Length
TL1
TL2
WLAN
25 mil
175 mil
50
Ω μstrip
J2
RF OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com