Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2163 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2163
Description  3V, 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2163 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2163 Datasheet HTML 1Page - RF Micro Devices RF2163 Datasheet HTML 2Page - RF Micro Devices RF2163 Datasheet HTML 3Page - RF Micro Devices RF2163 Datasheet HTML 4Page - RF Micro Devices RF2163 Datasheet HTML 5Page - RF Micro Devices RF2163 Datasheet HTML 6Page - RF Micro Devices RF2163 Datasheet HTML 7Page - RF Micro Devices RF2163 Datasheet HTML 8Page - RF Micro Devices RF2163 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
4
PWR SEN
3
BIAS GND2
2
RF IN
1
16
15
14
13
5
6
7
8
9
Bias
12 RF OUT
11 RF OUT
10 RF OUT
RF2163
3V, 2.5GHz LINEAR POWER AMPLIFIER
The RF2163 is a linear, medium power, high efficiency amplifier IC designed specif-
ically for low voltage operation. The device is manufactured on an advanced Gal-
lium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in 2.5GHz spread-spectrum transmitters.
The device is provided in a 16-pin leadless chip carrier with a backside ground and
is self-contained with the exception of the output matching network and power sup-
ply feed line.
Features
Single 3.3V Power Supply
+30dBm Saturated Output
Power
19dB Small Signal Gain
High Power Added Efficiency
Patent Pending Power Sense
Technology
1800MHz to 2500MHz Fre-
quency Range
Applications
2.5GHz ISM Band Applications
PCS Communication Systems
Wireless LAN Systems
Commercial and Consumer Sys-
tems
Portable Battery Powered Equip-
ment
Broadband Spread-Spectrum
Systems
RF2163
3V, 2.5GHz Linear Power Amplifier
RF2163 PCBA
Fully Assembled Evaluation Board
Rev A6 DS060301
RF21633V,
2.5GHz Lin-
ear Power
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 4 x 4


Similar Part No. - RF2163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF2163PCBA RFMD-RF2163PCBA Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163PCBA RFMD-RF2163PCBA Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF2163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com