Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2722 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 14Page - RF Micro Devices RF2722 Datasheet HTML 15Page - RF Micro Devices RF2722 Datasheet HTML 16Page - RF Micro Devices RF2722 Datasheet HTML 17Page - RF Micro Devices RF2722 Datasheet HTML 18Page - RF Micro Devices RF2722 Datasheet HTML 19Page - RF Micro Devices RF2722 Datasheet HTML 20Page - RF Micro Devices RF2722 Datasheet HTML 21Page - RF Micro Devices RF2722 Datasheet HTML 22Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
near DC. In addition, the RF6001/3 will notch out 100kHz converted DC components for channel bandwidths less than or
equal to 85kHz. The RF6003 will also notch out 120kHz converted DC components for channel bandwidth of 90kHz. This is
only useful in VLIF mode.
In DCR mode there may be significant spectral content near DC during the final adapt of the RF6001/3. This may result in a
significant DC component that will track the input desired signal level. It is assumed that the baseband DSP will be able to
remove any such static DC error. In addition, if the DC adapt of the RF6001/3 is performed during the guard times then the
spectral content of the input signal should be a tone in the region of 50kHz to 70kHz and should not interfere with the DC
adapt process.
If DC_TIME2 is extended to encompass the fine DC adapt time of the RF6001/3 then the input signal will not interfere with the
adapt process as the LNAs will be muted. However, if there is any residual LO leakage into the LNA input then this error will
remain after the DC correction process. This may be a smaller residual error than that due to the input signals.
A diagram depicting the composite DC correction and RX startup of the RF2722 and RF6001/3 is presented below.
GPO Control
The RF2722 allows the GPOs to switch to an alternate setting defined by TRDC during RX DC offset correction when TRD is pro-
grammed high. This is triggered by the rising edge of RX_EN pin and terminated by the expiration of DC_TIME2 in the RF2722.
This mode of operation is used to turn off the LNAs or redirect the T/R switch to TX mode during the DCOC time interval so that
the signal present from the previous time slot or LO leakage will not cause an error in the DCOC.
PLL
Lockup
Initial
Calibration
RX_EN,
EN_SE
t=0usec
RF6001/3 DCOC
completed
BURST STARTS
t=42
RF6001/3 filter
data flushed
receive valid
data
t=-20usec
RF6001/3
PLL lock
completed
t=-140usec
Activate RF2722/
RF6001/3
t=-90usec
Initial Cal
completed
t=-120usec
RF2722 DCOCl
completed
System
Warm-Up
RF2722
Turn on
RF2722
RXI, Q
DCOC
<20mV DC
DC_TIME1
RF6001/3
RXI,Q
DCOC
<80uV DC
DC_TIME2
Valid
Data
42 usec latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com