Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2722 Datasheet(PDF) 23 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 23 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 18Page - RF Micro Devices RF2722 Datasheet HTML 19Page - RF Micro Devices RF2722 Datasheet HTML 20Page - RF Micro Devices RF2722 Datasheet HTML 21Page - RF Micro Devices RF2722 Datasheet HTML 22Page - RF Micro Devices RF2722 Datasheet HTML 23Page - RF Micro Devices RF2722 Datasheet HTML 24Page - RF Micro Devices RF2722 Datasheet HTML 25Page - RF Micro Devices RF2722 Datasheet HTML 26Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CF(5)
S_G2_0
1
Selects the gain setting at midband of the second filter stage.
0=-0.7dB1=+7.4dB
CF(4)
S_G2_1
1
Selects the gain setting at midband of the third filter stage.
0=-6.8dB1=+1dB
CF(3:2)
S_G3
00
Selects the gain setting at midband of the output buffer.
00=2.5dB01=8.4dB10=N/A11=14.3dB
CF(1)
VDS
0
Selects VLIF mode if programmed low. Selects DCR mode if programmed high.
CF(0)
LNA_BYP
0
If set to zero, the LNA is active. If set to one, the LNA is bypassed with a front end
gain reduction of: 11.9dB in low band; 10.4dB in high band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com