Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2516 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2516 Datasheet HTML 1Page - RF Micro Devices RF2516 Datasheet HTML 2Page - RF Micro Devices RF2516 Datasheet HTML 3Page - RF Micro Devices RF2516 Datasheet HTML 4Page - RF Micro Devices RF2516 Datasheet HTML 5Page - RF Micro Devices RF2516 Datasheet HTML 6Page - RF Micro Devices RF2516 Datasheet HTML 7Page - RF Micro Devices RF2516 Datasheet HTML 8Page - RF Micro Devices RF2516 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4 of 22
RF2516
Rev A17 DS060712
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
11
VREF P
Bias voltage reference pin for bypassing. The bypass capacitor should be of
appropriate size to provide filtering of the reference crystal frequency and
be connected directly to this pin. Diodes shown in the interface schematic
provide 3kV electrostatic discharge (ESD) protection using the human body
model.
12
RESNTR-
The RESNTR pins are used to supply DC voltage to the VCO, as well as to
tune the center frequency of the VCO. Equal value inductors should be con-
nected to this pin and pin 13.
13
RESNTR+
See pin 12.
14
LOOP FLT
Output of the charge pump. An RC network from this pin to ground is used
to establish the PLL bandwidth. Diodes shown in the interface schematic
provide 3kV electrostatic discharge (ESD) protection using the human body
model.
15
LD FLT
This pin is used to set the threshold of the lock-detect circuit. A shunt
capacitor should be used to set an RC time constant with the on-chip
series 1k resistor. This signal is used to clamp (enable or disable) the MOD
IN circuitry. The time constant should be approximately 10 times the refer-
ence period. Diodes shown in the interface schematic provide 3kV electro-
static discharge (ESD) protection using the human body model.
16
DIV CTRL
Logic “High” input selects divide-by-64 prescaler. Logic “Low” input selects
divide-by-32 prescaler. Diodes shown in the interface schematic provide
3kV electrostatic discharge (ESD) protection using the human body model.
VREF P
V
CC
RESNTR-
RESNTR+
LOOP FLT
4 k
Ω
LOOP FLT
V
CC
V
CC
LD FLT
1 k
Ω
V
CC
DIV CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com