Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2516 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2516 Datasheet HTML 1Page - RF Micro Devices RF2516 Datasheet HTML 2Page - RF Micro Devices RF2516 Datasheet HTML 3Page - RF Micro Devices RF2516 Datasheet HTML 4Page - RF Micro Devices RF2516 Datasheet HTML 5Page - RF Micro Devices RF2516 Datasheet HTML 6Page - RF Micro Devices RF2516 Datasheet HTML 7Page - RF Micro Devices RF2516 Datasheet HTML 8Page - RF Micro Devices RF2516 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
Prescaler
32/64
Phase
Detector &
Charge Pump
Lock
Detect
14
16
DC
Bias
5
TX OUT
2
1
15
8
13 12
3PD
RF2516
VHF/UHF TRANSMIITER
The RF2516 is a monolithic integrated circuit intended for use as a low-
cost AM/ASK transmitter. The device is provided in a 16-pin QSOP-16
package and is designed to provide a phased locked frequency source for
use in local oscillator or transmitter applications. The chip can be used in
applications in the North American and European VHF/UHF bands. The
integrated VCO, phase detector, prescaler, and reference oscillator transis-
tor require only the addition of an external crystal to provide a complete
phase-locked loop. In addition to the standard power-down mode, the chip
also includes an automatic lock-detect feature that disables the transmit-
ter output when the PLL is out-of-lock.
Features
Fully Integrated PLL Circuit
Integrated VCO and Refer-
ence Oscillator
2.25V to 3.6V Supply Voltage
Low Current and Power Down
Capability
100MHz to 500MHz Fre-
quency Range
Out-of-Lock Inhibit Circuit
Applications
315/433MHz Band Systems
Local Oscillator Source
Part 15.231 Applications
Remote Keyless Entry
Wireless Security Systems
AM/ASK/OOK Transmitter
RF2516
VHF/UHF Transmiiter
RF2516PCBA-410
Fully Assembled Evaluation Board
Rev A17 DS060712
RF2516
VHF/UHF
Transmiiter
RoHS Compliant & Pb-Free Product
Package Style: SSOP-16


Similar Part No. - RF2516

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2516 RFMD-RF2516 Datasheet
295Kb / 20P
VHF/UHF TRANSMITTER
RF2516 RFMD-RF2516 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
RF2516PCBA-410 RFMD-RF2516PCBA-410 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
RF2516 RFMD-RF2516_06 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
More results

Similar Description - RF2516

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
VHF/UHF Transistor
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
VHF/UHF Transistor
logo
RF Micro Devices
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
VHF/UHF transistor
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
RF Micro Devices
RF2516 RFMD-RF2516_06 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
176Kb / 5P
VHF/UHF Transistors
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
VHF/UHF TRANSISTOR
DECEMBER 1998
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com