Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6401 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML6401
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6401 Datasheet(HTML) 1 Page - International Rectifier

  IRLML6401 Datasheet HTML 1Page - International Rectifier IRLML6401 Datasheet HTML 2Page - International Rectifier IRLML6401 Datasheet HTML 3Page - International Rectifier IRLML6401 Datasheet HTML 4Page - International Rectifier IRLML6401 Datasheet HTML 5Page - International Rectifier IRLML6401 Datasheet HTML 6Page - International Rectifier IRLML6401 Datasheet HTML 7Page - International Rectifier IRLML6401 Datasheet HTML 8Page - International Rectifier IRLML6401 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
HEXFET® Power MOSFET
Thermal Resistance
VDSS = -12V
RDS(on) = 0.05Ω
Parameter
Max.
Units
VDS
Drain- Source Voltage
-12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-4.3
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-3.4
A
IDM
Pulsed Drain Current

-34
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
EAS
Single Pulse Avalanche Energy
„
33
mJ
VGS
Gate-to-Source Voltage
± 8.0
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
These P-Channel MOSFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and ruggedized device
design that HEXFET® power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for use in battery and
load management.
A thermally enhanced large pad leadframe has been incorporated into the
standard SOT-23 package to produce a HEXFET Power MOSFET with the
industry's smallest footprint. This package, dubbed the Micro3
™, is ideal for
applications where printed circuit board space is at a premium. The low profile
(<1.1mm) of the Micro3 allows it to fit easily into extremely thin application
environments such as portable electronics and PCMCIA cards. The thermal
resistance and power dissipation are the best available
.
Description
Micro3
™
S
G 1
2
D
3
l Ultra Low On-Resistance
l P-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
l 1.8V Gate Rated
l Lead-Free
l RoHS Compliant, Halogen-Free
IRLML6401PbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 28, 2014
Form
Quantity
IRLML6401TRPbF
Micro3™ (SOT-23)
Tape and Reel
3000
IRLML6401TRPbF
Package Type
Standard Pack
Orderable Part Number
Base Part Number


Similar Part No. - IRLML6401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6401 IRF-IRLML6401 Datasheet
142Kb / 9P
HEXFET Power MOSFET
logo
Guangdong Kexin Industr...
IRLML6401 KEXIN-IRLML6401 Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6401 HOTTECH-IRLML6401 Datasheet
465Kb / 4P
Power MOSFET
logo
Foshan Blue Rocket Elec...
IRLML6401 FOSHAN-IRLML6401 Datasheet
593Kb / 5P
P- CHANNEL MOSFET in a SOT-23 Plastic Package
logo
Tiger Electronic Co.,Lt...
IRLML6401 TGS-IRLML6401 Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
More results

Similar Description - IRLML6401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com