Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8016 Datasheet(PDF) 1 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

Part # 8016
Description  Vectorbord® Circbordtm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTOR [VECTOR ELECTRONICS AND TECHNOLOGY, INC.]
Direct Link  https://www.vectorelect.com/
Logo VECTOR - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

8016 Datasheet(HTML) 1 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

  8016 Datasheet HTML 1Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
55
www.vectorelect.com
800-423-5659
ELECTRONICS & TECHNOLOGY, INC.
Round Pads-Per-Hole with 0.042” Holes, .100” Grid
8008 4.5”Hx6.5”L x .062” TH
0.100” grid, UNIQUE circuit pattern features
full voltage and ground planes on both sides
with isolated plated-thru holes. 0.080” solder
pads and Surface Mount cap positions for
discreet decoupling capacitors. Solder coat-
ed pattern.
Material: FR4
WW Terminals: T44, T46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
8016 6.0”H x 9.0”L x .062” TH
0.100” grid Pad-Per-Hole Pattern on both
sides, 0.042” holes plated-thru copper.
Unrestricted component placement.
Solder coated pattern
16-Pin DIP capacity = 165
Material: FR4
WW Terminals: T44, T46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
8006 5.0”Hx13.25”L x.062” TH
0.100” grid Pad-Per-Hole Pattern copper plat-
ed-thru holes both sides .042” holes with
.080” isolated solder pad around each hole on
both sides
16-Pin DIP= 154
Material: FR4 Epoxy Glass
WW Terminals: T44, T46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
8016-1 6.0”H x 6.0”L x .062” TH
0.100” grid Pad-Per-Hole Pattern on one side
only, 0.042” holes
Small economical size.
Solder coated pattern
Material: FR4
WW Terminals: T44, T46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
106P70-4 7.0”H x 10.6”L x.062”TH
0.100” grid Pad-Per-Hole Pattern on both
sides. Etched ground plane surrounds 0.080”
pads on both sides. 0.042” holes plated-thru
copper. Solder coated pattern.
16-Pin DIP= 175
Material: FR4
WW Terminals: T44, T46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
8012 9.2”Hx11.0”L x .062” TH
0.100” grid Pad-Per-Hole Pattern. .042”
holes plated thru with .080” isolated solder
pad around each hole on both sides.
16-Pin DIP= 72.
Material: FR4.
WW Terminals: T44, T46, T49, T68.
Solder Terminals: T42-1, K24C
WW Socket Pin: R32
8003 4.50”Hx6.50”L x.062” TH
0.100” grid Pad-Per-Hole Pattern & peripher-
al Ground Plane on one side only
Single-sided with no etch & plating on
reverse side .042” holes not plated thru
.085” square isolated solder pad
16-Pin DIP= 60
Material: CEM-1
WW Terminals: T44, T46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
106P180-4 10.5”Hx18.0”Lx.062”TH
0.100” grid Pad-Per-Hole Pattern on both
sides. Etched ground plane surrounds 0.080”
pads on both sides. 0.042” holes plated-thru
copper. Unrestricted component placement.
Solder coated pattern.
16-Pin DIP = 175
Material: FR-4
WW Terminals: T44,T 46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
106P106-1 10.6”Hx10.6”L .062”TH
0.100” grid Pad-Per-Hole & peripheral
Ground Plane on both sides .042” holes
not plated thru with .080” isolated solder
pad around each hole
16-Pin DIP= 275
Material: CEM-1
WW Terminals: T44, T46, T49, T68
Solder Terminals: T42-1
WW Socket Pin: R32
8013 10.5”Hx18.0”L x .062” TH
0.100” grid Pad-Per-Hole Pattern on both
sides. Isolated 0.080” pads with 0.042” holes
plated-thru copper. Unrestricted component
placement.
Solder coated pattern
16-Pin DIP= 175
Material: FR4.
WW Terminals: T44, T46, T49, T68.
Solder Terminals: T42-1
WW Socket Pin: R32
Square Pads-Per-Hole with 0.042” Holes, .100” Grid
Vectorbord
® Circbordtm
CATALOG 127 backup:CATALOG 126.qxd
5/10/2011
8:55 AM
Page 55


Similar Part No. - 8016

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
80160 ALPHAWIRE-80160 Datasheet
409Kb / 4P
12 (168(7x24)/34) AWG Tinned Copper
80161 ALPHAWIRE-80161 Datasheet
410Kb / 4P
12 (168(7x24)/34) AWG Tinned Copper
80162 ALPHAWIRE-80162 Datasheet
410Kb / 4P
12 (168(7x24)/34) AWG Tinned Copper
80163 ALPHAWIRE-80163 Datasheet
409Kb / 4P
10 (259(7x37)/34) AWG Tinned Copper
80164 ALPHAWIRE-80164 Datasheet
410Kb / 4P
10 (259(7x37)/34) AWG Tinned Copper
More results

Similar Description - 8016

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com