Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103VCT Datasheet(PDF) 72 Page - MindMotion Microelectronics

Part # MM32F103VCT
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103VCT Datasheet(HTML) 72 Page - MindMotion Microelectronics

Back Button MM32F103VCT Datasheet HTML 68Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 69Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 70Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 71Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 72Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 73Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 74Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 75Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 76Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min(1)
Max(1)
Unit
VCM
(
4)
Differential common
mode range
Includes VDI range
0.8
2.5
VSE
(
4)
Single ended receiver
threshold
1.3
2
Output levels
VOL
Static output level low
RL of 1.5kΩ to 3.6V
(
5)
0.3
V
VOH
Static output level high
RL of 15kΩ to VSS
(
5)
2.8
3.6
1. All the voltages are measured from the local ground potential.
2. To be compliant with the USB 2.0 full-speed electrical specification, USBDP (D +) pin
has a built-in 1.5kΩ resistor connected to the VDD, no need to external connect.
3. The USB functionality is ensured down to 2.7V but not the full USB electrical charac-
teristics which are degraded in the 2.7V
∼ 3.6V VDD voltage range.
4. Guaranteed by design. Not tested in production.
5. RL is the load connected on the USB drivers
532206
intersection
Differential
data line
V
CRS
V
SS
t
f
t
r
Figure 24. USB timing diagram: definition of data signal rise and fall time
Table 39. USB Full-speed electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
tr
Rise time(2)
CL <= 50pF
7.041
23.13
ns
tf
Fall time(2)
CL <= 50pF
6.866
26.76
ns
trfm
Rise/fall time matching
tr/tf
96.52
125.1
%
VCRS
Output signal crossover
voltage
1.391
2.967
V
1. Guaranteed by design. Not tested in production.
2. Measured from 10% to 90% of the data signal. For more detailed information, please
refer to USB Specification - Section 7 (version 2.0).
www.mm32mcu.com
66/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com