Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103VCT Datasheet(PDF) 12 Page - MindMotion Microelectronics

Part # MM32F103VCT
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103VCT Datasheet(HTML) 12 Page - MindMotion Microelectronics

Back Button MM32F103VCT Datasheet HTML 8Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 9Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 10Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 11Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 12Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 13Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 14Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 15Page - MindMotion Microelectronics MM32F103VCT Datasheet HTML 16Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
generating the software.
2.2.6
Nested vectored interrupt controller (NVIC)
The device embeds a nested vectored interrupt controller and is able to handle up to 68
maskable interrupt channels (not including the 16 interrupt lines of
Cortex™-M3) with 16 priority levels.
• Closely coupled NVIC gives low latency interrupt processing
• Interrupt entry vector table address passed directly to the core
• Closely coupled NVIC core interface
• Allows early processing of interrupts
• Processing of late arriving higher priority interrupts
• Support for tail-chaining
• Processor state automatically saved
• Interrupt entry restored on interrupt exit with no instruction overhead
This hardware block provides flexible interrupt management features with minimal inter-
rupt latency.
2.2.7
Extended interrupt/event controller (EXTI)
The extended interrupt/event controller consists of many edge detector lines are used to
generate interrupt/event requests for waking up the system. Each line can be indepen-
dently configured to select the trigger event (rising edge, falling edge, both) and can be
masked independently. A pending register maintains the status of the interrupt requests.
The EXTI can detect an external line with a pulse width shorter than the internal APB2
clock period. All GPIOs can be connected to the 16 external interrupt lines.
2.2.8
Boot modes
At startup, the boot pin and boot selector option bit are used to select one of the three
boot options:
• Boot from User Flash memory
• Boot from System Memory
• Boot from embedded SRAM
The boot loader is located in System Memory. It is used to reprogram the Flash memory
by using UART1.
2.2.9
Power supply schemes
• VDD = 2.0V
∼ 5.5V: external power supply for I/Os and the internal regulator. Provided
externally through VDD pins.
• VDDA = 2.0V
∼ 5.5V:external analog power supply for ADC, reset blocks, oscillators
and PLL. VDDA and VSSA 可 can be connected to VDD and VSS separately, Can also be
www.mm32mcu.com
6/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com