Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2460 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2460 Datasheet HTML 1Page - RF Micro Devices RF2460 Datasheet HTML 2Page - RF Micro Devices RF2460 Datasheet HTML 3Page - RF Micro Devices RF2460 Datasheet HTML 4Page - RF Micro Devices RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3 of 26
RF2460
Rev B6 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
US PCS - Mixer - Low Gain
Mode
1k
Ω balanced load.
Gain
0
1.5
dB
Noise Figure
15
16
dB
Input IP3
+13.0
+14.0
dBm
IIP3 is adjustable
RF to IF Isolation
>45
dB
ISET2 (pin 13) external resistor sets current
consumption and performance.
Input VSWR
2:1
Output VSWR
2:1
Current
7.5
8.0
mA
KPCS - LNA
Gain
14.5
16.0
dB
Noise Figure
1.4
1.8
dB
Input IP3
+5.0
+6.0
dBm
IIP3 is adjustable (see plots for setting). ISET1
(pin 14) external resistor sets current con-
sumption and performance.
Input VSWR
2:1
Output VSWR
2:1
Current at Input IP3
7
7.5
mA
KPCS - LNA Bypass
Gain
-6
-5
dB
Noise Figure
5.0
5.5
dB
Input IP3
+23.0
+26.0
dBm
Input VSWR
2:1
Output VSWR
2:1
Current
0
mA
KPCS - Mixer - High Gain
Mode
1k
Ω balanced load.
Gain
10
12
dB
Noise Figure
6.5
7.5
dB
Input IP3
+2.5
+3.5
dBm
IIP3 is adjustable (see plots for setting).
RF to IF Isolation
>45
dB
ISET2 (pin 13) external resistor sets current
consumption and performance.
Input VSWR
2:1
Output VSWR
2:1
Current
12
13
mA
KPCS - Mixer - Low Gain Mode
1k
Ω balanced load.
Gain
0
1.5
dB
Noise Figure
15
16
dB
Input IP3
+13.0
+14.0
dBm
IIP3 is adjustable
RF to IF Isolation
>45
dB
ISET2 (pin 13) external resistor sets current
consumption and performance.
Input VSWR
2:1
Output VSWR
2:1
Current
7.5
8.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com