Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2460 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices RF2460 Datasheet HTML 12Page - RF Micro Devices RF2460 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9 of 26
RF2460
Rev B6 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - US PCS
82
Ω
7.5 nH
LNA GAIN
MIX GAIN
C1
C3
R
C1
L2
0.1
μF
0.1
μF
47 nH
9.1 k
Ω
18 k
Ω
2 nH
19 nH
510
Ω
10
Ω
0.1
μF
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
L1
C2
1 nH
10 nH
22 pF
ENABLE
LO IN
VCC2
VCC1
C3
0.1
μF
VCC1
C4
0.1
μF
VCC2
C3 and C4 should be placed as
closely as possible to pins 2 and 3
VCC1
IF OUT
MIX IN
LNA OUT
VCC1
0.1
μF
LNA IN
4.7 k
10 k
4.7 k
4.7 k
R (
Ω)
110
180
120
110
L2 (nH)
82
120
82
82
L1 (nH)
6
6.2
7
6
C3 (pF)
3
DNI
2
3
C2 (pF)
8
8.2
3.6
4
C1 (pF)
US PCS, IF = 184 MHz
GPS, IF = 184 MHz
Korean PCS, IF = 220 MHz
US PCS, IF = 210 MHz
* Represents "GND".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com