Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2461 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2461 Datasheet HTML 1Page - RF Micro Devices RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RF2461
Rev B6 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
V
DC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=3.0V
RF Frequency Range
800
869 to 894
1000
MHz
832 to 870
LO Frequency Range
700
954 to 979
1000
MHz
722 to 760
IF Frequency Range
0.1
250
MHz
Power Down Current
10
μA
LNA - CDMA/JCDMA
LNA Gain=1
Gain
14.0
15.0
16.0
dB
IPSET=1
13.5
14.5
15.0
dB
IPSET=0
Noise Figure
1.8
2
dB
IPSET=1
1.8
2
dB
IPSET=0
Input IP3
+9.0
+11.0
dBm
IPSET=1
+7.0
+9.0
dBm
IPSET=0
Current
6.5
mA
IPSET=1
5.0
mA
IPSET=0
LNA Bypass -
CDMA/JCDMA
LNA Gain=0
Gain
-8
-6
dB
Noise Figure
6
8
dB
Input IP3
+16.0
+18.0
dBm
Current
0
mA
Mixer - CDMA
3k
Ω balanced load. IIP3 is adjustable.
Decreasing R4/R5 will increase IIP3.
LO=965MHz@-10dBm, IF=85.38MHz
Gain
13
14.5
dB
Mixer Preamp ON, Mix Gain=1
4
5.8
dB
Mixer Preamp OFF, Mix Gain=0
Noise Figure
5.5
7
dB
Mixer Preamp ON, Mix Gain=1
13
14
dB
Mixer Preamp OFF, Mix Gain=0
Input IP3
+3.0
+4.0
dBm
Mixer Preamp ON, Mix Gain=1
+13.0
+14.0
dBm
Mixer Preamp OFF, Mix Gain=0
Current
21
mA
Mixer Preamp ON, Mix Gain=1
18
mA
Mixer Preamp OFF, Mix Gain=0
Mixer - JCDMA
3k
Ω balanced load. IIP3 is adjustable.
Decreasing R4/R5 will increase IIP3.
LOIN=741MHz@-4dBm, IF=110MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com