Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2461 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices RF2461 Datasheet HTML 10Page - RF Micro Devices RF2461 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
RF2461
Rev B6 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
VCC1
100 pF
33 nF
16 nH
4.3 nH
IF SEL
100 pF
56
Ω
L2
100 pF
C2
L1
R
C1
C1
100 pF
C2
L1
R
C1
C1
L2
VCC1
100 pF
50
Ω μstrip
620
Ω
4 pF
100 pF
0.1
μF
VCC1
22 k
Ω
47 k
Ω
3.3 nH
LNA GAIN
MIX GAIN
VCC2
VCC1
NOTE:
Microstrip Inductor, Z0 = 50 Ω, L = 102 mils
suggested compared values.
51
Ω*
F
i
l
t
e
r
33 nF
47 nH
L
F
i
l
t
e
r
IF+
IF-
L
F
i
l
t
e
r
IF2+
IF2-
LO IN
LNA IN
7.5 nH
50
Ω μstrip
L=130 mils
W=12 mils
Z0=50 Ω
ENABLE
IP SET
*This resistor improves NF and IIP3 for
VCC = 3.0 V.
BYPASS
See
Note 4
See
Note 5
See
Note 3
See
Note 1
See
Note 6
See
Note 8
See
Note 8
See
Note 8
See
Note 8
See
Note 7
See Note 2
See Note 8
See
Note 10
See Note 11
See
Note 9
NOTES:
1. DC blocking capacitor.
2. LNA emitter degenerator. As the value of inductance is increased, the gain will decrease, and the IIP3 will increase.
3. Mixer preamp degeneration inductor. As the value of inductance is increased, the gain will decrease, and the IIP3 will increase.
4. An external resistor connected to this pin sets the current of the preamp and the mixer. Higher resistance to ground results in lower current. See chart at end of datasheet.
5. An external resistor connected to this pin sets the current of the LNA when IPSET is high. Higher resistance to ground results in lower current. See chart at end of datasheet.
6. Mixer input matching inductor.
7. LO input matching resistor.
8. Bypass capacitor.
9. LNA output matching and bias choke.
10. For stability of the LNA.
11. LNA input and output matching.
12. Low pass path to ground for two-tone beat frequency for optimum IIP3 of LNA.
See Note 11
See Note 12
See Note 8
Output Interface Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com