Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09SC-1HT Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # SL23EP09SC-1HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09SC-1HT Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button SL23EP09SC-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 13Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev 1.1, February 2, 2007
Page 11 of 13
SL23EP09
Package Drawing and Dimensions
16-Lead TSSOP (4.4mm)
0.190(0.007)
0.300(0.012)
0.090(0.003)
0.200(0.008)
8
9
6.250(0.246)
6.500(0.256)
4.300(0.169)
4.500(0.177)
2.900(0.114)
3.100(0.122)
0.850(0.033)
0.950(0.037)
0.050(0.002)
0.150(0.006)
1.100(0.043) MAX
0.076(0.003)
0 to 8
°
0.500(0.020)
0.700(0.027)
0.650(0.025)
BSC
Gauge
Plane
Dimensions are in milimeters(inches).
Top line: (MIN) and Bottom line: (Max)
Pin-1 ID
Seating Plane
1
16
0.650(0.025)
BSC
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
JA
Still air
-
80
-
°C/W
JA
1m/s air flow
-
70
-
°C/W
Thermal Resistance
Junction to Ambient
JA
3m/s air flow
-
68
-
°C/W
Thermal Resistance
Junction to Case
JC
Independent of air flow
-
36
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com