Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09SC-1HT Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # SL23EP09SC-1HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09SC-1HT Datasheet(HTML) 6 Page - SpectraLinear Inc

Back Button SL23EP09SC-1HT Datasheet HTML 2Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP09SC-1HT Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev 1.1, February 2, 2007
Page 6 of 13
SL23EP09
DC Electrical Specifications (VDD=3.3V): Unless Otherwise Stated for Both C and I Grades
Symbol
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
VIL
Input LOW Voltage
–
0.8
V
VIH
Input HIGH Voltage
2.0
VDD+0.3
V
IIL
Input Leakage Current
0 < VIN < 0.8V
–
±10
µA
IIH
Input HIGH Current
VIN = VDD
–
100
µA
IOL = 8 mA (standard drive)
–
0.4
V
VOL
Output LOW Voltage
IOL = 12 mA (high drive)
–
0.4
V
IOH = –8 mA (standard drive)
2.4
–
V
VOH
Output HIGH Voltage
IOH = –12 mA (high drive)
2.4
–
V
Measured at CLKIN = 0 MHz (C-Grade)
–
12
µA
IDDPD
Power Down Supply Current
CLKIN<2.0MHz
Measured at CLKIN = 0 MHz (I-Grade)
–
25
µA
IDD1
Power Supply Current
All Outputs CL=0, 66 MHz CLKIN
–
26
mA
IDD2
Power Supply Current
All Outputs CL=0, 133 MHz CLKIN
–
42
DC Electrical Specifications (VDD=2.5V): Unless Otherwise Stated for Both C and I Grades
Symbol
Description
mA
Condition
Min
Max
Unit
VDD
Supply Voltage
2.3
2.7
V
VIL
Input LOW Voltage
–
0.7
V
VIH
Input HIGH Voltage
1.7
VDD+ 0.3
V
IIL
Input Leakage Current
0<VIN < 0.8V
–
10
µA
IIH
Input HIGH Current
VIN = VDD
–
100
µA
IOL = 8 mA (standard drive)
–
0.5
V
VOL
Output LOW Voltage
IOL = 12 mA (high drive)
–
0.5
V
IOH = –8 mA (standard drive)
VDD – 0.6
–
V
VOH
Output HIGH Voltage
VDD – 0.6
–
V
IOH = –12 mA (high drive)
Measured at CLKIN = 0 MHz (C-Grade)
–
12
µA
IDDPD
Power Down Supply Current
CLKIN<2MHz
Measured at CLKIN = 0 MHz (I-Grade)
–
25
µA
IDD1
Power Supply Current
All Outputs CL=0, 66 MHz CLKIN
–
24
mA
IDD2
Power Supply Current
All Outputs CL=0, 133 MHz CLKIN
–
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com